Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BYT108 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BYT108
Description  Ultra Fast Recovery Silicon Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT108 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BYT108 Datasheet HTML 1Page - Vishay Siliconix BYT108 Datasheet HTML 2Page - Vishay Siliconix BYT108 Datasheet HTML 3Page - Vishay Siliconix BYT108 Datasheet HTML 4Page - Vishay Siliconix BYT108 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYT108/200/400
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (5)
Document Number 86019
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=8A
VF
1.3
V
g
IF=8A, Tj=100°C
VF
1.2
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
1
mA
Forward recovery time
IF=8A, diF/dtx50A/ms
tfr
350
ns
Turn on transient peak
voltage
F
,
F
m
VFP
4
V
Reverse recovery
IF=8A, diF/dtx–50A/ms,
IRM
5
A
y
characteristics
F
,
F
m ,
VBatt=200V
tIRM
100
ns
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
BYT108/200
trr
35
ns
y
F
R
R
BYT108/400
trr
50
ns
Reverse recovery current
IF=1A, diF/dtx–50A/ms,
VBatt=200V
IRM
1.9
A
Reverse recovery time
IF=1A, diF/dtx–50A/ms,
VBatt=200V,iR=0.25xIRM
trr
58
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
1000
Tj – Junction Temperature ( °C )
200
94 9502
100
VR=VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
2
4
6
8
10
Tamb – Ambient Temperature ( °C )
94 9501
40
80
120
160
200
RthJA=10K/W
RthJA=5K/W
RthJA=85K/W
RthJC=2.4K/W
Figure 2. Max. Average Forward Current vs. Ambient
Temperature


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BYT85 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT86 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT87 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT115 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT106 Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFPF15U20S ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn