Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BYT08P Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BYT08P
Description  Fast Recovery Silicon Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT08P Fiches technique(HTML) 1 Page - Vishay Siliconix

  BYT08P Datasheet HTML 1Page - Vishay Siliconix BYT08P Datasheet HTML 2Page - Vishay Siliconix BYT08P Datasheet HTML 3Page - Vishay Siliconix BYT08P Datasheet HTML 4Page - Vishay Siliconix BYT08P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYT08P/600A/800A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
1 (5)
Document Number 86017
Fast Recovery Silicon Power Rectifier
Features
D Multiple diffusion
D Low switch on power losses
D Good soft recovery behaviour
D Fast forward recovery time
D Fast reverse recovery time
D Low reverse current
D Very low turn on transient peak voltage
D Very good reverse current stability at high tem-
perature
D Low thermal resistance
Applications
Fast rectifiers in S.M.P.S
Freewheeling diodes and snubber diodes in motor
control circuits
14282
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT08P/600A
VR=VRRM
600
V
g
=Repetitive peak reverse voltage
BYT08P/800A
VR=VRRM
800
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
16
A
Average forward current
IFAV
8
A
Junction and storage
temperature range
Tj=Tstg
–40...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
2.0
K/W
Junction ambient
RthJA
85
K/W


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT08P1000 Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT12P Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT1300 Fast Recovery Silicon Power Rectifier 1  2  3  Vishay Siliconix
NTE5818 Silicon Power Rectifier Stud Mount Fast Recovery 12 Amp 1  2  NTE Electronics
BYT85 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT86 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT87 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  Vishay Siliconix
BYT115 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
BYT106 Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn