Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY527 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BY527
Description  Silicon Mesa Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY527 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BY527 Datasheet HTML 1Page - Vishay Siliconix BY527 Datasheet HTML 2Page - Vishay Siliconix BY527 Datasheet HTML 3Page - Vishay Siliconix BY527 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY527
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86007
Silicon Mesa Rectifier
Features
D Controlled avalanche characteristics
D Glass passivated junction
D Hermetically sealed package
D Low reverse current
D High surge current capability
Applications
General purpose
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameters
Test Conditions
Type
Symbol
Value
Unit
Peak reverse voltage, non repetitive
VRSM
1250
V
Reverse voltage
VR
800
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
12
A
Average forward current
ϕ=180°
IFAV
2
A
Pulse avalanche peak power
Tj=175°C, tp=20ms,
half sinus wave
PR
1000
W
Pulse energy in avalanche mode,
non repetitive
I(BRV)R=1A, Tj=175°C
ER
20
mJ
non repetitive
(inductive load switch off)
i2*t–rating
i2*t
8
A2*s
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W
on PC board with spacing 25mm
RthJA
100
K/W


Numéro de pièce similaire - BY527

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY527 PHILIPS-BY527 Datasheet
46Kb / 7P
   Controlled avalanche rectifier
1996 Jun 11
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
130Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
BY527 VISHAY-BY527 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Description similaire - BY527

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
35Kb / 3P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BYT40Y VISHAY-BYT40Y Datasheet
41Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BYT62 VISHAY-BYT62 Datasheet
37Kb / 3P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
S420D VISHAY-S420D Datasheet
49Kb / 4P
   Silicon Mesa SMD Rectifier
Rev. 2, 24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
BYW178 VISHAY-BYW178 Datasheet
45Kb / 4P
   Very Fast Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com