Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3355 Fiches technique(PDF) 6 Page - Inchange Semiconductor Company Limited

No de pièce 2SC3355
Description  isc Silicon NPN RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3355 Fiches technique(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC3355 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3355
S-PARAMETER
S11e, S22e-FREQUENCY
CONDITION VCE = 10 V
S21e-FREQUENCY
CONDITION VCE = 10 V
S12e-FREQUENCY
CONDITION VCE = 10 V
IC = 40 mA
IC = 40 mA
isc Website:www.iscsemi.cn
6


Numéro de pièce similaire - 2SC3355

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC3355 RENESAS-2SC3355 Datasheet
293Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results

Description similaire - 2SC3355

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SC2351 ISC-2SC2351 Datasheet
109Kb / 3P
   isc Silicon NPN RF Transistor
BFS67 ISC-BFS67 Datasheet
87Kb / 3P
   isc Silicon NPN RF Transistor
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
   isc Silicon NPN RF Transistor
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
   isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
   isc Silicon NPN RF Transistor
BFR93AW ISC-BFR93AW Datasheet
211Kb / 7P
   isc Silicon NPN RF Transistor
2SC2570A ISC-2SC2570A Datasheet
248Kb / 5P
   isc Silicon NPN RF Transistor
2SC2735 ISC-2SC2735 Datasheet
144Kb / 4P
   isc Silicon NPN RF Transistor
2SC4250 ISC-2SC4250 Datasheet
198Kb / 4P
   isc Silicon NPN RF Transistor
2SC4265 ISC-2SC4265 Datasheet
141Kb / 4P
   isc Silicon NPN RF Transistor
BFR520 ISC-BFR520 Datasheet
197Kb / 7P
   isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com