Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BAW56
Description  Dual Surface Mount Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW56 Fiches technique(HTML) 3 Page - Vishay Siliconix

  BAW56 Datasheet HTML 1Page - Vishay Siliconix BAW56 Datasheet HTML 2Page - Vishay Siliconix BAW56 Datasheet HTML 3Page - Vishay Siliconix BAW56 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAW56
Vishay Telefunken
Rev. 2, 17-Mar-99
3 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85549
Dimensions in mm
14371
top view
Case: SOT23, plastic
Terminals: Solderable per MIL–STD–202, Method 208
Polarity: see diagram
Marking: KJD
Approx. weight: 0.008 grams


Numéro de pièce similaire - BAW56

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAW56 NXP-BAW56 Datasheet
115Kb / 15P
   High-speed switching diodes
Rev. 05-26 November 2007
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
List of Unclassifed Man...
BAW56 ETC2-BAW56 Datasheet
101Kb / 2P
   Fast Switching Speed
logo
Infineon Technologies A...
BAW56 INFINEON-BAW56 Datasheet
128Kb / 8P
   Silicon Switching Diode
Jun-03-2003
More results

Description similaire - BAW56

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com