Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4717 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 1N4717
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4717 Fiches technique(HTML) 2 Page - Vishay Siliconix

  1N4717 Datasheet HTML 1Page - Vishay Siliconix 1N4717 Datasheet HTML 2Page - Vishay Siliconix 1N4717 Datasheet HTML 3Page - Vishay Siliconix 1N4717 Datasheet HTML 4Page - Vishay Siliconix 1N4717 Datasheet HTML 5Page - Vishay Siliconix 1N4717 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
Type 1)
Zener Voltage VZ @ IZ = 50mA
Max.
Reverse
Current
Test
Voltage
Max.
Zener
Current
Max.
Voltage
Change
Typ. 1)
Min.
Max.
IR 3)
VR 3)
IZM 2)
DVZ 4)
V
V
V
mA
V
mA
V
1N4678
1.8
1.710
1.890
7.5
1.0
120
0.70
1N4679
2.0
1.900
2.100
5.0
1.0
110
0.70
1N4680
2.2
2.090
2.310
4.0
1.0
100
0.75
1N4681
2.4
2.280
2.520
2.0
1.0
95
0.80
1N4682
2.7
2.565
2.835
1.0
1.0
90
0.85
1N4683
3.0
2.850
3.150
0.8
1.0
85
0.90
1N4684
3.3
3.135
3.465
7.5
1.5
80
0.95
1N4685
3.6
3.420
3.780
7.5
2.0
75
0.95
1N4686
3.9
3.705
4.095
5.0
2.0
70
0.97
1N4687
4.3
4.085
4.515
4.0
2.0
65
0.99
1N4688
4.7
4.465
4.935
10
3.0
60
0.99
1N4689
5.1
4.845
5.355
10
3.0
55
0.97
1N4690
5.6
5.320
5.880
10
4.0
50
0.96
1N4691
6.2
5.890
6.510
10
5.0
45
0.95
1N4692
6.8
6.460
7.140
10
5.1
35
0.90
1N4693
7.5
7.125
7.875
10
5.7
31.8
0.75
1N4694
8.2
7.790
8.610
1.0
6.2
29.0
0.50
1N4695
8.7
8.265
9.135
1.0
6.6
27.4
0.10
1N4696
9.1
8.645
9.555
1.0
6.9
26.2
0.08
1N4697
10
9.500
10.50
1.0
7.6
24.8
0.10
1N4698
11
10.45
11.55
0,05
8.4
21.6
0.11
1N4699
12
11.40
12.60
0.05
9.1
20.4
0.12
1N4700
13
12.35
13.65
0.05
9.8
19.0
0.13
1N4701
14
13.30
14.70
0.05
10.6
17.5
0.14
1N4702
15
14.25
15.75
0.05
11.4
16.3
0.15
1N4703
16
15.20
16.80
0.05
12.1
15.4
0.16
1N4704
17
16.15
17.85
0.05
12.9
14.5
0.17
1N4705
18
17.10
18.90
0.05
13.6
13.2
0.18
1N4706
19
18.05
19.95
0.05
14.4
12.5
0.19
1N4707
20
19.00
21.00
0.01
15.2
11.9
0.20
1N4708
22
20.90
23.10
0.01
16.7
10.8
0.22
1N4709
24
22.80
25.20
0.01
18.2
9.9
0.24
1N4710
25
23.75
26.25
0.01
19.0
9.5
0.25
1N4711
27
25.65
28.35
0.01
20.4
8.8
0.27
1N4712
28
26.60
29.40
0.01
21.2
8.5
0.28
1N4713
30
28.50
31.50
0.01
22.8
7.9
0.30
1N4714
33
31.35
34.65
0.01
25.0
7.2
0.33
1N4715
36
34.20
37.80
0.01
27.3
6.6
0.36
1N4716
39
37.05
40.95
0.01
29.6
6.1
0.39
1N4717
43
40.85
45.15
0.01
32.6
5.5
0.43


Numéro de pièce similaire - 1N4717

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4717 CDI-DIODE-1N4717 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4717 GE-1N4717 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Microsemi Corporation
1N4717 MICROSEMI-1N4717 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
logo
TAITRON Components Inco...
1N4717 TAITRON-1N4717 Datasheet
245Kb / 4P
   ZENER DIODES
logo
Tak Cheong Electronics ...
1N4717 TAK_CHEONG-1N4717 Datasheet
127Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - 1N4717

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com