Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N37-X006 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce 4N37-X006
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N37-X006 Fiches technique(HTML) 5 Page - Vishay Siliconix

  4N37-X006 Datasheet HTML 1Page - Vishay Siliconix 4N37-X006 Datasheet HTML 2Page - Vishay Siliconix 4N37-X006 Datasheet HTML 3Page - Vishay Siliconix 4N37-X006 Datasheet HTML 4Page - Vishay Siliconix 4N37-X006 Datasheet HTML 5Page - Vishay Siliconix 4N37-X006 Datasheet HTML 6Page - Vishay Siliconix 4N37-X006 Datasheet HTML 7Page - Vishay Siliconix 4N37-X006 Datasheet HTML 8Page - Vishay Siliconix 4N37-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4N35/ 4N36/ 4N37/ 4N38
Document Number 83717
Rev. 1.5, 27-Jan-05
Vishay Semiconductors
www.vishay.com
5
Figure 3. Normalized Non-saturated and Saturated CTR vs. LED
Current
Figure 4. Normalized Non-saturated and saturated CTR vs. LED
Current
Figure 5. Normalized Non-saturated and saturated CTR vs. LED
Current
i4n25_03
100
10
1
.1
0.0
0.5
1.0
1.5
IF- LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=50°C
i4n25_04
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=70°C
i4n25_05
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce = 0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=85°C
Figure 6. Collector-Emitter Current vs. Temperature and LED
Current
Figure 7. Collector-Emitter Leakage Current vs.Temp.
Figure 8. Normalized CTRcb vs. LED Current and Temp.
i4n25_06
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
i4n25_07
100
80
60
40
20
0
–20
10
10
10
10
10
10
10
10
–2
–1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Typical
Vce =10V
i4n25_08
Normalized to:
0.0
0.5
1.0
1.5
25°C
50°C
70°C
IF - LED Current - mA
.1
1
10
100
Vcb=9.3 V, IF=10 mA, TA=25°C


Numéro de pièce similaire - 4N37-X006

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
4N37-X006 VISHAY-4N37-X006 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.8, 16-Jan-12
More results

Description similaire - 4N37-X006

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com