Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1628 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SD1628
Description  NPN Epitaxial Planar Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1628 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1628 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1628 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
NPN Epitaxial Planar Silicon Transistor
2SD1628
Features
Low saturation voltage.
High hFE.
Large current capacity.
Very small size making it easy to provide highdensity,
small-sized hybrid IC’
s.
www.kexin.com.cn
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
6V
Collector current
IC
5A
Collector current (pulse)
ICP
8A
PC
500
mW
PC*
1.5
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Mounted on ceramic board(250mm2X0.8mm)
Collector dissipation


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
2SC6081 NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching 1  2  3  4  Sanyo Semicon Device
2SC6099 NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
CPH3234 NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1  2  3  4  Sanyo Semicon Device
MMST3904 NPN Silicon Epitaxial Planar Transistor 1  2  3  4  Galaxy Semi-Conductor Holdings Limited
S9016 NPN Silicon Epitaxial Planar Transistor 1  2  3  Galaxy Semi-Conductor Holdings Limited
SFT1202 NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
CPH3252 NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
2SC3143 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SC4027 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn