Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1368 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SA1368
Description  High Voltage Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1368 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1368 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1368 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1368 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
High Voltage Drive Applications
2SA1368
Features
High Voltage VCEO = -100V
High Collector Current (ICM = -800mA)
High Collector Dissipation PC = 500mW
Small Package For Mounting
Complementary to 2SC3438
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Peak Collector Current
ICM
-800
mA
Collector Power Dissipation
PC
500
mW
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = -50V , IE =0
-0.5
ìA
Emitter Cut-off Current
IEBO
VEB =-2V , IC =0
-0.5
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =-1mA , RBE =
-100
V
Collector-Base Breakdown Voltage
V(BR)CBO IC = -10ìA , IE = 0
-100
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE = -10ìA , IC =0
-5
V
DC Current Gain
hFE
VCE = -10V , IC = -10mA
55
300
Collector-Emitter Saturation Voltage
VCE(sat) IC = -150mA , IB = -15mA
-0.15
-0.5
V
Transition Frequency
fT
VCE = -10V , IE = 10mA
130
MHz
Collector Output Capacitance
Cob
VCB = -10V , IE = 0 , f = 1MHz
11
pF
hFE Classification
Marking
Rank
C
D
E
hFE
55
110
90
180
150
300
E


Numéro de pièce similaire - 2SA1368

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SA1368 ETC-2SA1368 Datasheet
69Kb / 4P
   2SA1368
logo
Isahaya Electronics Cor...
2SA1368 ISAHAYA-2SA1368 Datasheet
142Kb / 4P
   FOR HIGH VOLTAGE DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SA1368-C KEXIN-2SA1368-C Datasheet
1Mb / 3P
   PNP Transistors
2SA1368-D KEXIN-2SA1368-D Datasheet
1Mb / 3P
   PNP Transistors
2SA1368-E KEXIN-2SA1368-E Datasheet
1Mb / 3P
   PNP Transistors
More results

Description similaire - 2SA1368

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SA1363 KEXIN-2SA1363 Datasheet
369Kb / 3P
   High Current Drive Applications
logo
Toshiba Semiconductor
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
   Solenoid Drive Applications Motor Drive Applications
logo
Sanyo Semicon Device
MCH3383 SANYO-MCH3383_12 Datasheet
499Kb / 7P
   Low Voltage Drive Switching Device Applications
MCH3383 SANYO-MCH3383 Datasheet
376Kb / 4P
   Low Voltage Drive Switching Device Applications
logo
Toshiba Semiconductor
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
   Solenoid Drive Applications Motor Drive Applications
logo
Sipex Corporation
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
   Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
logo
Toshiba Semiconductor
MP6404 TOSHIBA-MP6404_07 Datasheet
213Kb / 11P
   High Power High Speed Switching Applications 3-Phase Motor Drive and Stepping Motor Drive Applications
2SK1542 TOSHIBA-2SK1542 Datasheet
769Kb / 5P
   HIGH SPEED SWITCHING APPLICATIONS RELAY DRIVE. MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com