Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4472 Fiches technique(PDF) 4 Page - TEMIC Semiconductors

No de pièce TDA4472
Description  Video-IF and Quasi Parallel Sound Processing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4472 Fiches technique(HTML) 4 Page - TEMIC Semiconductors

  TDA4472 Datasheet HTML 1Page - TEMIC Semiconductors TDA4472 Datasheet HTML 2Page - TEMIC Semiconductors TDA4472 Datasheet HTML 3Page - TEMIC Semiconductors TDA4472 Datasheet HTML 4Page - TEMIC Semiconductors TDA4472 Datasheet HTML 5Page - TEMIC Semiconductors TDA4472 Datasheet HTML 6Page - TEMIC Semiconductors TDA4472 Datasheet HTML 7Page - TEMIC Semiconductors TDA4472 Datasheet HTML 8Page - TEMIC Semiconductors TDA4472 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TDA4472-M
TELEFUNKEN Semiconductors
Rev. A2, 15-Oct-96
Preliminary Information
4 (14)
Pin Description
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vi,SIF1
GND
CAGC
Vi,SIF1
VSW
Vi,VIF
Vi,VIF
CAGC
GND
Rtop
Itun
Vo,vid
NC
Vi,SIF2
Vi,SIF2
Rcomp
Vo,FM
VS
VAFC
VVCO
VVCO
Vsw
Cref
GND
LF
94 8835
NC
NC
NC
Figure 2. Pinning
Pin
Symbol
Function
1, 2
Vi, SIF1
SIF1 input (symmetrical)
3
Vsw
Input selector switch
4, 9, 16
GND
Ground
5
CAGC
SIF-AGC (time constant)
6, 7
Vi, VIF
VIF input (symmetrical)
8
CAGC
VIF-AGC (time constant)
10
Rtop
Take over point, tuner AGC
11
Itun
Tuner AGC output current
12
Vo,vid
Video output
13
NC
Not connected
14
NC
Not connected
15
NC
Not connected
17
Cref
Internal reference voltage
18
LF
Loop filter
19
Vsw
AFC switch
20, 21
VVCO
VCO circuit
22
VAFC
AFC output
23
VS
Supply voltage
24
VO, FM
Intercarrier output
25
NC
Not connected
26
Rcomp
Offset compensation
27, 28
Vi, SIF2
SIF 2 input (symmetrical)


Numéro de pièce similaire - TDA4472

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
More results

Description similaire - TDA4472

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
TDA4445A TEMIC-TDA4445A Datasheet
117Kb / 8P
   Quasi Parallel Sound Processing with Quadrature Intercarrier Demodulator
logo
Siemens Semiconductor G...
TDA5830-2 SIEMENS-TDA5830-2 Datasheet
401Kb / 15P
   VIDEO IF IC WITH VTR CONNECTION AND QUASI PARALLERL SOUND
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Siemens Semiconductor G...
TDA4282T SIEMENS-TDA4282T Datasheet
215Kb / 5P
   QUASI-PARALLEL SOUND IC WITH FM IF, SYM. INPUT AND VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com