Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9402 Fiches technique(PDF) 6 Page - TelCom Semiconductor, Inc

No de pièce TC9402
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9402 Fiches technique(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC9402 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3-292
TELCOM SEMICONDUCTOR, INC.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
PIN FUNCTIONS
Threshold Detector Input
In the V/F mode, this input is connected to the amplifier
output (pin 12) and triggers a 3
µsec pulse when the input
voltage passes through its threshold. In the F/V mode, the
input frequency is applied to this input.
The nominal threshold of the detector is halfway be-
tween the power supplies, or (VDD + VSS)/2 ±400mV. The
TC9400's charge balancing V/F technique is not dependent
on a precision comparator threshold, because the threshold
only sets the lower limit of the op-amp output. The op-amp's
peak-to-peak output swing, which determines the frequency,
is only influenced by external capacitors and by VREF.
Pulse Freq Out
This output is an open-drain N-channel FET which
provides a pulse waveform whose frequency is proportional
to the input voltage. This output requires a pull-up resistor
and interfaces directly with MOS, CMOS, and TTL logic.
Freq/2 Out
This output is an open-drain N-channel FET which
provides a square wave one-half the frequency of the pulse
frequency output. The Freq/2 output will change state on the
rising edge of Pulse Freq Out. This output requires a pull-
up resistor and interfaces directly with MOS, CMOS, and
TTL logic.
The TC9400 contains a "self-start" circuit to ensure the
V/F converter always operates properly when power is first
applied. In the event that, during power-on, the Op Amp
output is below the threshold and CREF is already charged,
a positive voltage step will not occur. The op-amp output will
continue to decrease until it crosses the –3.0V threshold of
the "self-start" comparator. When this happens, an internal
resistor is connected to the op-amp input, which forces the
output to go positive until the TC9400 is in its normal
operating mode.
The TC9400 utilizes low power CMOS processing for
low input bias and offset currents with very low power
dissipation. The open-drain N-channel output FETs provide
high voltage and high current sink capability.
VOLTAGE-TO-TIME MEASUREMENTS
The TC9400 output can be measured in the time do-
main as well as the frequency domain. Some microcom-
puters, for example, have extensive timing capability but
limited counter capability. Also, the response time of a time
domain measurement is only the period between two out-
put pulses, while the frequency measurement must accu-
mulate pulses during the entire counter timebase period.
Time measurements can be made from either the
TC9400's Pulse Freq Out output or from the Freq/2 output.
The Freq/2 output changes state on the rising edge of
Pulse Freq Out, so Freq/2 is a symmetrical square wave at
one half the pulse output frequency. Timing measurements
can therefore be made between successive Pulse Freq
Out pulses, or while Freq/2 is high (or low).
Figure 2 . Output Waveforms
3 µsec
TYP
1/f
fOUT
fOUT/2
AMP
OUT
VREF
0V
CREF
CINT
NOTES: 1. To adjust fMIN, set VIN = 10mV and adjust the 50kΩ offset for 10Hz output.
2. To adjust fMAX, set VIN = 10V and adjust RIN or VREF for 10 kHz output.
3. To increase fOUT MAX to 100kHz, change CREF to 2pF and CINT to 75pF.
4. For high-performance applications, use high-stability components for RIN, CREF, VREF (metal film
resistors and glass capacitors). Also, separate output ground (pin 9) from input ground (pin 6).


Numéro de pièce similaire - TC9402

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC9402 MICROCHIP-TC9402 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9402 MICROCHIP-TC9402 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9402CPD MICROCHIP-TC9402CPD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9402EJD MICROCHIP-TC9402EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

Description similaire - TC9402

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com