Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1994 Fiches technique(PDF) 2 Page - Linear Technology

No de pièce LT1994
Description  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1994 Fiches technique(HTML) 2 Page - Linear Technology

  LT1994 Datasheet HTML 1Page - Linear Technology LT1994 Datasheet HTML 2Page - Linear Technology LT1994 Datasheet HTML 3Page - Linear Technology LT1994 Datasheet HTML 4Page - Linear Technology LT1994 Datasheet HTML 5Page - Linear Technology LT1994 Datasheet HTML 6Page - Linear Technology LT1994 Datasheet HTML 7Page - Linear Technology LT1994 Datasheet HTML 8Page - Linear Technology LT1994 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1994
2
1994fa
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
IN
VOCM
V+
OUT+
IN+
SHDN
V
OUT
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V
1
2
3
4
IN
VOCM
V+
OUT+
8
7
6
5
IN+
SHDN
V
OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 140°C/W
ORDER PART NUMBER
DD PART MARKING*
ORDER PART NUMBER
MS8 PART MARKING*
LT1994CDD
LT1994IDD
LBQM
LBQM
LT1994CMS8
LT1994IMS8
LTBQN
LTBQN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage
(Input Referred)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
±2
±2
±2
±3
mV
mV
mV
mV
ΔVOSDIFF/ΔT
Differential Offset Voltage Drift
(Input Referred)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
3
3
3
3
μV/°C
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
(Note 6)
VS = 2.375V, VICM = VS/4
VS = 3V
VS = 5V
VS = ±5V
–45
–45
–45
–45
–18
–18
–18
–18
–3
–3
–3
–3
μA
μA
μA
μA
Total Supply Voltage (V+ to V) ..............................12.6V
Input Voltage (Note 2)............................................... ±VS
Input Current (Note 2)..........................................±10mA
Input Current (VOCM, ⎯S⎯H⎯D⎯N)................................±10mA
VOCM, ⎯S⎯H⎯D⎯N .............................................................±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ... –40°C to 85°C
(Note 1)
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 5) .... –40°C to 85°C
Junction Temperature
MS8 .................................................................. 150°C
DFN8................................................................. 125°C
Storage Temperature Range
MS8 ................................................... –65°C to 150°C
DFN8.................................................. –65°C to 125°C
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 3V, V= 0V, V
CM = VOCM = VICM = mid-supply, V
⎯S⎯H⎯D⎯N = OPEN,
RI = RF = 499Ω, RL = 800Ω to a mid-supply voltage (See Figure 1) unless otherwise noted. VS is defined (V
+ – V). V
OUTCM is defined
as (VOUT
+ + V
OUT
)/2. V
ICM is defined as (VIN
+ + V
IN
)/2. V
OUTDIFF is defined as (VOUT
+ – V
OUT
). V
INDIFF is defined as (VIN
+ – V
IN
).


Numéro de pièce similaire - LT1994

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1994 LINER-LT1994 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT1994 LINER-LT1994 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT1994 LINER-LT1994 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1994 LINER-LT1994 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Description similaire - LT1994

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com