Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847W Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BC847W
Description  NPN General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC847W Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC847W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC847W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC846W,BC847W,BC848W
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =30V; IE = 0
15
nA
ICBO
VCB =30V; IE = 0;Tj = 150
5ìA
IEBO
VEB =5V; IC = 0
100
nA
BC846W
110
450
BC847W,BC848W
110
800
BC846AW,BC847AW
110
180
220
BC846BW,BC847BW
200
290
450
BC847CW
420
520
800
IC =10mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA; *
200
600
mV
IC =10mA; IB = 0.5 mA
700
mV
IC = 100 mA; IB = 5 mA;*
900
mV
IC =2mA; VCE = 5 V
580
660
700
mV
IC =10mA; VCE = 5 V
770
mV
CC
VCB =10V; IE =Ie=0;f = 1MHz
3
pF
fT
VCE =5V; IC = 10 mA;f = 100 MHz
100
MHz
NF
IC = 200 ìA; VCE =5V;RS = 2 kÙ;f=
1 kHz;B = 200 Hz
10
dB
* Pulse test: tp
300µs, ä
0.02.
Transition frequency
Parameter
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
Noise figure
IC =2mA; VCE =5V
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage
VBE(sat)
VBE
Base-emitter voltage
hFE Classification
TYPE
BC846W
BC846AW
BC846BW
Marking
1D
1A
1B
TYPE
BC847W
BC847AW
BC847BW
BC847CW
Marking
1H
1E
1F
1G
TYPE
BC848W
Marking
1M


Numéro de pièce similaire - BC847W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847W PHILIPS-BC847W Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
BC847W NXP-BC847W Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Jiangsu Changjiang Elec...
BC847W JIANGSU-BC847W Datasheet
887Kb / 5P
   SOT-323 Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC847W KEC-BC847W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC847W NXP-BC847W Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
More results

Description similaire - BC847W

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com