Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7109 Fiches technique(PDF) 9 Page - TelCom Semiconductor, Inc

No de pièce TC7109
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109 Fiches technique(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC7109 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7109 Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3-99
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
INTERNAL CLOCK
INTEGRATOR OUTPUT
FOR NORMAL INPUT
INTEGRATOR
SATURATES
INTERNAL LATCH
INTEGRATOR OUTPUT
FOR OVERRANGE INPUT
NO ZERO
CROSSING
ZI
AZ
ZERO INTEGRATOR
PHASE FORCES
INTEGRATOR
OUTPUT TO 0V
ZERO CROSSING
OCCURS
ZERO CROSSING
DETECTED
INT
PHASE II
STATUS OUTPUT
AZ
PHASE I
DE
PHASE III
AZ
FIXED
2048
COUNTS
2048
COUNTS
MIN
4096
COUNTS
MAX
NUMBER OF COUNTS TO ZERO CROSSING
PROPORTIONAL TO VIN
AFTER ZERO CROSSING, ANALOG SECTION
WILL BE IN AUTO-ZERO CONFIGURATION
TEST
17
POL
3
OR
4
B
12
5
B
11
6
B
10
7
B
9
8
B
8
9
B
7
10
B
6
11
B
5
12
B
4
13
B
3
14
226
22
23
24
25
21
STATUS
RUN/
HOLD
OSC
IN
OSC
OUT
OSC
SEL
BUFF
OSC
OUT
MODE
TO
ANALOG
SECTION
COMP OUT
AZ
INT
DE (
±)
ZI
CONVERSION
CONTROL
LOGIC
OSCILLATOR
AND CLOCK
CIRCUITRY
HIGH-ORDER
BYTE OUTPUTS
LOW-ORDER
BYTE OUTPUTS
HANDSHAKE
LOGIC
B
2
15
B
1
16
27
SEND
18
19
20
LBEN
HBEN
CE/LOAD
1
GND
14 LATCHES
12-BIT COUNTER
14 THREE-STATE OUTPUTS
LATCH
CLOCK
Figure 4. Digital Section
Figure 3. Conversion Timing (RUN/HOLD Pin High)
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS


Numéro de pièce similaire - TC7109

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
TC7109A MICROCHIP-TC7109A Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
TC7109CKW MICROCHIP-TC7109CKW Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
TC7109CKW MICROCHIP-TC7109CKW Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
TC7109CLW MICROCHIP-TC7109CLW Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
More results

Description similaire - TC7109

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com