Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC500ACPE Fiches technique(PDF) 9 Page - TelCom Semiconductor, Inc

No de pièce TC500ACPE
Description  PRECISION ANALOG FRONT ENDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC500ACPE Fiches technique(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC500ACPE Datasheet HTML 5Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 6Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 7Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 8Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 9Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 10Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 11Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 12Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3-27
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 5. Comparator Output
INTEGRATOR
OUTPUT
ZERO
CROSSING
COMPARATOR
OUTPUT
REFERENCE
DEINTEGRATE
SIGNAL
INTEGRATE
INTEGRATOR
OUTPUT
ZERO
CROSSING
COMPARATOR
OUTPUT
REFERENCE
DEINTEGRATE
SIGNAL
INTEGRATE
B. Negative Input Signal
A. Positive Input Signal
Comparator Output
By monitoring the comparator output during the fixed
signal integrate time, the input signal polarity can be deter-
mined by the microprocessor controlling the conversion.
The comparator output is HIGH for positive signals and LOW
for negative signals during the signal-integrate phase (see
timing diagram).
During the reference deintegrate phase, the comparator
output will make a HIGH-to-LOW transition as the integrator
output ramp crosses zero. The transition is used to signal the
processor that the conversion is complete.
The internal comparator delay is 2
µsec, typically. Figure
5 shows the comparator output for large positive and nega-
tive signal inputs. For signal inputs at or near zero volts,
however, the integrator swing is very small. If common-
mode noise is present, the comparator can switch several
times during the beginning of the signal-integrate period. To
ensure that the polarity reading is correct, the comparator
output should be read and stored at the end of the signal
integrate phase.
The comparator output is undefined during the Auto-
Zero Phase and is used to time the Integrator Output Zero
phase. (See
Integrator Output Zero Phase of System Timing
section).
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514


Numéro de pièce similaire - TC500ACPE

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC500ACPE MICROCHIP-TC500ACPE Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500ACPE MICROCHIP-TC500ACPE Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500ACPE MICROCHIP-TC500ACPE Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
More results

Description similaire - TC500ACPE

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com