Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4672 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SC4672
Description  Low Frequency Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4672 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4672 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
//htmlimg2.alldatasheet.fr/htmldatasheet2/260313/KEXIN/2SC4672/306/2/2SC4672.png


Numéro de pièce similaire - 2SC4672

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
   Low Frequency Transistor (50V, 3A)
logo
Jiangsu Changjiang Elec...
2SC4672 JIANGSU-2SC4672 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
   LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
   Low Frequency Transistor (50V, 2A)
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
   NPN Silicon Epitaxial Silicon Tra nsistor
More results

Description similaire - 2SC4672

FabricantNo de pièceFiches techniqueDescription
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
   Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
   LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
   Low-frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
   Low frequency transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com