Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC38C43CPD Fiches technique(PDF) 6 Page - TelCom Semiconductor, Inc

No de pièce TC38C43CPD
Description  BiCMOS CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C43CPD Fiches technique(HTML) 6 Page - TelCom Semiconductor, Inc

  TC38C43CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C43CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-98
TELCOM SEMICONDUCTOR, INC.
TC18C43
TC28C43
TC38C43
BiCMOS CURRENT MODE
PWM CONTROLLERS
TYPICAL CHARACTERISTICS
150
145
140
135
130
125
120
115
110
105
100
–40 –20 0
20 40 60 80 100 120 140
–60
MAX TYP
MIN TYP
TEMPERATURE (
°C)
VIN = VSTART
Start Current vs. Temperature
101
100
99
98
97
96
–60 –40 –20 0
20 40 60 80 100120 140
TEMPERATURE (
°C)
VIN = 15V
Oscillator Frequency Changes
vs. Temperature
150
140
130
120
110
100
–55
90
0
255070
125
TEMPERATURE (
°C)
ISENSE to Out Delay
IRAMP
10k
5k
10k
CT
100k
5k
Q1
RT
CMPTR
VFB
ISENSE
RT/CT
VREF
VIN
OUTPUT
GND
1
µF
RL = 1k, 1W
4.7
µF
VDD (15V)
GND
2N2222
OR EQUIV
1
2
3
4
8
7
6
5
BENCH TEST OPERATIONAL SIMULATION


Numéro de pièce similaire - TC38C43CPD

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC38C46 TELCOM-TC38C46 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC38C46 TELCOM-TC38C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC38C46COE TELCOM-TC38C46COE Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC38C46COE TELCOM-TC38C46COE Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC38C46CPE TELCOM-TC38C46CPE Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
More results

Description similaire - TC38C43CPD

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com