Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS59SB Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 1PS59SB
Description  Schottky Barrier (Double) Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS59SB Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS59SB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Low forward voltage
Guard ring protoected
Small SMD package.
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
30
V
Continuous forward current
IF
200
mA
Repetitive peak forward current
IFSM
tp
1s; ä
0.5
300
mA
Non-repetitive peak forwrad current
IFSM
tp
10 ms
600
mA
Total power dissipation (per package)
Ptot
Tamb
25
250
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Max
Unit
IF = 0.1 mA
240
IF = 1 mA
320
IF = 10 mA
400
IF = 30 mA
500
IF = 100 mA
800
reverse current
IR
VR =25V
2
A
when switched from IF =10mA to
IR =10mA; RL = 100
measured at IR =1mA
diode capacitance
Cd
f=1MHz;VR =1V
10
pF
thermal resistance from junction to ambient
Rth j-a
500
K/W
mV
5ns
trr
reverse recovery time
VF
forward voltage
Marking
Type
1PS59SB10
1PS59SB14
1PS59SB15
1PS59SB16
Marking
10141516
Schottky Barrier (Double) Diodes
1PS59SB Series


Numéro de pièce similaire - 1PS59SB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS59SB10 PHILIPS-1PS59SB10 Datasheet
33Kb / 5P
   Schottky barrier (double) diodes
1996 Sep 20
1PS59SB14 PHILIPS-1PS59SB14 Datasheet
33Kb / 5P
   Schottky barrier (double) diodes
1996 Sep 20
1PS59SB15 PHILIPS-1PS59SB15 Datasheet
33Kb / 5P
   Schottky barrier (double) diodes
1996 Sep 20
1PS59SB16 PHILIPS-1PS59SB16 Datasheet
33Kb / 5P
   Schottky barrier (double) diodes
1996 Sep 20
1PS59SB20 PHILIPS-1PS59SB20 Datasheet
46Kb / 8P
   Schottky barrier diode
1998 Jul 28
More results

Description similaire - 1PS59SB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com