Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1023VUA Fiches technique(PDF) 2 Page - TelCom Semiconductor, Inc

No de pièce TC1023VUA
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1023VUA Fiches technique(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1023VUA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1023VUA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1023VUA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1023VUA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1023VUA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1023VUA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TC1023
TC1024
PRECISION TEMPERATURE-TO-VOLTAGE
CONVERTERS WITH SHUTDOWN MODE
PRELIMINARY INFORMATION
TC1023/1024-05 6/12/97
ELECTRICAL CHARACTERISTICS : TA = – 20°C to +125°C, VCC = 5V ±5%, GND = 0V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage (TC1023)
2.2
12
V
(TC1024)
3.0
12
IS
Supply Current
CE = VIL
—40
60
µA
(Note 1)
ICE
Shutdown Current
CE = VIH
—1
5
µA
(Note 2)
VIH
CE Input Logic HIGH Level
2.0
V
VIL
CE Input Logic LOW Level
0.8
V
ICE
CE Input Leakage Current
CE = VIH or VIL
–1
+1
µA
tREC
Recovery Time from Shutdown
CE = step from VIH to VIL
400
µsec
(Note 3)
VOUT
VOUT Output Voltage (TC1024)
TA = – 20°C and +125°C
270
1780
mV
VOUT Output Voltage (TC1023)
TA = – 20°C and +100°C
– 230
1030
Circuit per Figure 1:
R1 = 240k
VSS = – 12V
(Note 1)
ISRC
VOUT Output Source Current
1.0
mA
Accuracy at Room Temperature
TA = +25°C
– 2
+2
°C
(Note 4)
Accuracy at Minimum Temperature
TC1023: TA = – 20°C
– 4
+4
°C
TC1024: TA = – 20°C
(Note 4)
Accuracy at Maximum Temperature
TC1023: TA = +100°C
– 3
+3
°C
TC1024: TA = +125°C
(Note 4)
Nonlinearity
Note 5
– 0.8
+0.8
°C
Line Regulation
80
µV/V
AV
Average Slope of Output Voltage
10
mV/
°C
VOUTMAX
Maximum Output Voltage
TC1023: 2.2V
≤ VCC ≤ 12V
——
VCC – 1.2
V
TC1024: 3.0V
≤ VCC ≤ 12V
(Note 1)
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS *
Supply Voltage ............................................................ 15V
Input Voltage, Any Terminal .............. – 1.0 to (VCC +0.3V)
Operating Temperature (TC1023) ......... – 20
°C to +100°C
Operating Temperature (TC1024) ......... – 20
°C to +125°C
Storage Temperature ............................ – 55
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
NOTES: 1. VOUT outputs open circuited.
2. VOUT is 0V through approximately 100kΩ to ground when CE = VIH.
3. Recovery time is the period required for VOUT to rise from 0V (shutdown state) to the voltage corresponding to the measured
temperature driving a 100pF capacitive load.
4. Accuracy = Difference between calculated output voltage (10mV/
°C x Device case temperature at specified temperature and power
supply) and measured output voltage expressed in
°C.
5. Nonlinearity = deviation of output voltage versus temperature from the best-fit straight line over the device rated temperature range.


Numéro de pièce similaire - TC1023VUA

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
TC102-63 ACE-TC102-63 Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
logo
Cornell Dubilier Electr...
TC10251 CDE-TC10251 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC1025CEOA MICROCHIP-TC1025CEOA Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
More results

Description similaire - TC1023VUA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com