Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1014-3.0VCT Fiches technique(PDF) 6 Page - TelCom Semiconductor, Inc

No de pièce TC1014-3.0VCT
Description  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014-3.0VCT Fiches technique(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC1014-3.0VCT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC1015
1
PRELIMINARY INFORMATION
TC1015-01-6/5/97
100mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
TC1015
FEATURES
s
Zero Ground Current for Longer Battery Life!
s
Very Low Dropout Voltage
s
Guaranteed 100mA Output
s
High Output Voltage Accuracy
s
Standard or Custom Output Voltages
s
Power-Saving Shutdown Mode
s
Reference Bypass Input for Ultra Low-Noise
Operation
s
Over-Current and Over-Temperature Protection
s
Space-Saving SOT-23A-5 Package
s
Pin Compatible Upgrade for MIC5205 and
NSC2980
APPLICATIONS
s
Battery Operated Systems
s
Portable Computers
s
Medical Instruments
s
Instrumentation
s
Cellular / GSM / PHS Phones
s
Linear Post-Regulator for SMPS
s
Pagers
100mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
TYPICAL APPLICATION
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications to its devices.
GENERAL DESCRIPTION
The TC1015 is a high accuracy (typically
±0.5%) CMOS
upgrade for older (bipolar) low dropout regulators such as
the LP2980. Designed specifically for battery-operated sys-
tems, the TC1015’s CMOS construction eliminates wasted
ground current, significantly extending battery life. Total
supply current is typically 50
µA at full load (20 to 60 times
lower than in bipolar regulators!).
TC1015 key features include ultra low-noise operation
(plus optional Bypass input); very low dropout voltage (typi-
cally 200mV at full load) and internal feed-forward compen-
sation for fast response to step changes in load. Supply
current is reduced to 0.05
µA and VOUT is disabled when the
shutdown input is low. The TC1015 also incorporates both
over-temperature and over-current protection.
The TC1015 is stable with an output capacitor of only
1
µF and has a maximum output current of 100mA. For
higher output versions, please see the TC1107, TC1108,
TC1173 (IOUT = 300mA) data sheets.
1
µF
470pF
Reference
Bypass Cap
(Optional)
Shutdown Control
(from Power Control Logic)
TC1015
VIN
1
2
34
5
VIN
VOUT
Bypass
SHDN
GND
VOUT
PIN CONFIGURATION
ORDERING INFORMATION
Output
Junction
Part No.
Voltage **(V) Package
Temp. Range
TC1015-2.5VCT
2.5
SOT-23A-5* – 40
°C to +125°C
TC1015-2.7VCT
2.7
SOT-23A-5* – 40
°C to +125°C
TC1015-3.0VCT
3.0
SOT-23A-5* – 40
°C to +125°C
TC1015-3.3VCT
3.3
SOT-23A-5* – 40
°C to +125°C
TC1015-5.0VCT
5.0
SOT-23A-5* – 40
°C to +125°C
NOTE: *SOT-23A-5 is equivalent to the EIAJ (SC-74A)
** Other output voltages available. Please contact TelCom
Semiconductor for details
NOTE: *SOT-23A-5 is equivalent to the EIAJ (SC-74A)
TC1015
(SOT-23A-5*)
TOP VIEW
1
3
4
5
2
SHDN
Bypass
GND
VOUT
VIN


Numéro de pièce similaire - TC1014-3.0VCT

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1014-3.0VCT713 MICROCHIP-TC1014-3.0VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results

Description similaire - TC1014-3.0VCT

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com