Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX54C Fiches technique(PDF) 3 Page - Mospec Semiconductor

No de pièce BDX54C
Description  POWER TRANSISTORS(8A.,45-100V,60W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSPEC [Mospec Semiconductor]
Site Internet  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BDX54C Fiches technique(HTML) 3 Page - Mospec Semiconductor

  BDX54C Datasheet HTML 1Page - Mospec Semiconductor BDX54C Datasheet HTML 2Page - Mospec Semiconductor BDX54C Datasheet HTML 3Page - Mospec Semiconductor BDX54C Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Numéro de pièce similaire - BDX54C

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BDX54C MOTOROLA-BDX54C Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
ON Semiconductor
BDX54C ONSEMI-BDX54C Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
BDX54C ONSEMI-BDX54C Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
List of Unclassifed Man...
BDX54C ETC-BDX54C Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Power Innovations Ltd
BDX54C POINN-BDX54C Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Description similaire - BDX54C

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
   POWER TRANSISTOR (-100V, -8A)
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
   For Power amplification (-100V, -8A)
2SD2607 ROHM-2SD2607 Datasheet
53Kb / 1P
   For Power amplification (100V, 8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
   100V, 8A Rectifier
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
   100V, 8A Rectifier
logo
Shindengen Electric Mfg...
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
   POWER TRANSISTORS(8A,100W)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com