Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW70 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BCW70
Description  PNP General Purpose Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW70 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BCW69,BCW70
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB = -20 V
-100
nA
ICBO
IE =0; VCB =-20 V; Tj = 100
-10
ìA
IEBO
IC =0; VEB = -5 V
-100
nA
BCW69
90
BCW70
150
BCW69
120
260
BCW70
215
500
IC =-10 mA; IB = -0.5 mA
-80
mV
IC =-50 mA; IB = -2.5 mA *
-150
mV
IC =-10 mA; IB = -0.5 mA
-720
mV
IC =-50 mA; IB = -2.5 mA *
-810
mV
VBE
IC =-2mA; VCE = -5 V
-600
-750
mV
CC
IE =ie=0; VCB = -10 V; f = 1 MHz
4.5
pF
fT
IC =-10 mA; VCE = -5 V; f = 100 MHz
100
MHz
NF
IC = -200 ìA; VCE =-5V; RS =2kÙ;
f= 1 kHz;B= 200 Hz
10
dB
* Pulse test: tp
300 ìs; d
0.02.
hFE
IC =-10 ìA; VCE =-5V
Parameter
Collector cutoff current
Emitter cutoff current
DC current gain
DC current gain
Collector capacitance
Transition frequency
Noise figure
IC =-2mA; VCE =-5V
Collector-emitter saturation voltage
Base to emitter saturation voltage
Base to emitter voltage
VBE(sat)
VCE(sat)
hFE
hFE Classification
TYPE
BCW69
BCW70
Marking
H1
H2


Numéro de pièce similaire - BCW70

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCW70 PHILIPS-BCW70 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 19
logo
Nexperia B.V. All right...
BCW70 NEXPERIA-BCW70 Datasheet
317Kb / 7P
   PNP general purpose transistors
2004 Feb 06
logo
STMicroelectronics
BCW70 STMICROELECTRONICS-BCW70 Datasheet
38Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
Samsung semiconductor
BCW70 SAMSUNG-BCW70 Datasheet
29Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BCW70 KEC-BCW70 Datasheet
156Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Description similaire - BCW70

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com