Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CLF Fiches technique(PDF) 3 Page - IK Semicon Co., Ltd

No de pièce TL431CLF
Description  Programmable Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IKSEMICON [IK Semicon Co., Ltd]
Site Internet  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431CLF Fiches technique(HTML) 3 Page - IK Semicon Co., Ltd

  TL431CLF Datasheet HTML 1Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 2Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 3Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 4Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 5Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 6Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 7Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 8Page - IK Semicon Co., Ltd TL431CLF Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL431
Rev. 00
Electrical Characteristics (Continued)
The average temperature coefficient of the reference input voltage,
∝V
REF, is defined as:
Where:
T2 −T1 = full temperature change (0-70˚C).
∝V
REF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 8.0 mV, VREF = 2495 mV, T2 −T1 = 70˚C, slope is positive.
Note 6: The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 2 ), the dynamic output impedance of the overall circuit, rZ, is defined as:


Numéro de pièce similaire - TL431CLF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL431CL3T STMICROELECTRONICS-TL431CL3T Datasheet
939Kb / 21P
   Programmable voltage reference
TL431CL5T STMICROELECTRONICS-TL431CL5T Datasheet
939Kb / 21P
   Programmable voltage reference
logo
Texas Instruments
TL431CLP TI-TL431CLP Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CLP TI1-TL431CLP Datasheet
2Mb / 74P
[Old version datasheet]   Precision Programmable Reference
logo
Microsemi Corporation
TL431CLP MICROSEMI-TL431CLP Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Description similaire - TL431CLF

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com