Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-302-150 Fiches technique(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

No de pièce A-302-150
Description  150W Modified Sine Wave DC-AC Power Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-302-150 Fiches technique(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  A-302-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-302-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. A-302-150 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. A-302-150 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
A301-150-F3
A302-150-F3
ORDERNO.
SAFETY MODEL NO.
ACVOLTAGE
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
LEDINDICATOR
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERVOLTAGE
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
MTBF
OTHERS
APPLICATIONS
PROTECTION
230V
A-300-150W
150W
300W
ModifiedSineWave
50Hz 1%
10A
0.2A
24V
21~30VDC
82%
10A*1ea
20.5 1V
19.5 1V
30~32V
10%
TYPE-3*1ea
Dual-colorindicatorsdisplayforpoweron/failurestatus
0.25A
12V
10~15VDC
78%
15A
15A*1ea
10 0.5V
9.5 0.5V
15~17V
60 5
/140 9 F
o
Shut-off
Byfuseopen
FileName: A-301/302-150-SPEC 2007-05-14
ISOLATIONRESISTANCE
I/P-O/P:100MOhmsmin./500VDC /25
/70%RH
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950
200Khrsmin.MIL-HDBK-217F (25
)
DIMENSION
165*94*69mm(L*W*H)
COOLING
Byairconvection
PACKING
0.8Kg;20pcs/15Kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~+30
@100%load,40
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
700mmCigarette plug*1ea
700mmCigarette plug*1ea
230V
A-300-150W
150W
300W
Modifiedsinewave
50Hz 1%
10%
TYPE-3*1ea
Germany
EMC
tested
E S
Germany
LVD
tested
E S
TYPE-1
JAPAN
TYPE-2
USA
TYPE-3
EUROPE
TYPE-4
UNIVERSAL
TYPE-5
AUSTRALIA
TYPE-6
U.K
ACOutputReceptacles(optional)
CompliancetoEN55022classB,72/245/CEE,95/54/CE
Homeappliance,Powertools,OfficeandPortableequipmentandVehicle...etc.
150WModifiedSineWaveDC-ACPowerInverter
A-301/302-150 series
12V or 24V DC input
Power ON-OFF switch
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/
Over temp./Output short/Input polarity reverse/Over load.
Output waveform: Modified sine wave
Topology: Microprocessor
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION
SAFETY &
EMC


Numéro de pièce similaire - A-302-150

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
A-302-1K0 MEANWELL-A-302-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-302-1K7 MEANWELL-A-302-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
More results

Description similaire - A-302-150

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com