Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0110SN5AL2 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce Z0110SN5AL2
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0110SN5AL2 Fiches technique(HTML) 6 Page - STMicroelectronics

  Z0110SN5AL2 Datasheet HTML 1Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 2Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 3Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 4Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 5Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 6Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 7Page - STMicroelectronics Z0110SN5AL2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering information scheme
Z01
6/12
Doc ID 7474 Rev 10
2
Ordering information scheme
Figure 14.
Ordering information scheme
Z 01 03 M A [BLANK] 1AA2
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
01 = 1 A
03 = 3 mA
07 = 5 mA
09 = 10 mA
10 = 25 mA
M = 600 V
N = 800 V
A = TO-92
N = SOT-223
UF = SMBF3L
1AA2 = TO-92 bulk
2AL2 = TO-92 ammopack
5AL2 = TO-92 tape and reel
5AA4 = SOT-223 tape and reel
Blank = SMBflat-3L tape and reel 13”
7”
6AA4 = SOT-223 tape and reel 13”


Numéro de pièce similaire - Z0110SN5AL2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
Z0110SN5AL2 STMICROELECTRONICS-Z0110SN5AL2 Datasheet
96Kb / 9P
   1 A Triacs
More results

Description similaire - Z0110SN5AL2

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com