Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3-012.96M Fiches technique(PDF) 7 Page - Connor-Winfield Corporation

No de pièce SM3-012.96M
Description  ULTRA MINIATURE STRATUM 3 MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONNOR-WINFIELD [Connor-Winfield Corporation]
Site Internet  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-012.96M Fiches technique(HTML) 7 Page - Connor-Winfield Corporation

Back Button SM3-012.96M Datasheet HTML 3Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 4Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 5Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 6Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 7Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 8Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 9Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 10Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 11Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet #: TM052
Page 7 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Detailed Description continued
Any output of each device may be cross-connected to the other device’s M/S Ref input. The device auto-detects the frequency on the
M/S Ref input. Master or slave state of a device is determined by the M/S pin. Thus, master/slave state is always manually controlled by
the application. The master synchronizes to the selected input reference, while the slave synchronizes to the M/S Ref input. (Note that
8kHz frame phase alignment is maintained across a master/slave pair of devices only if M/S Output is used as the cross couple signal.)
The unit operating in slave mode locks on and phase-aligns to the cross-reference clock (M/S Output or Output 1) from the unit in
master mode. The phase skew between the input cross-reference and the output clock for the slave unit is typically less than ±1ns (under
±3ns in dynamic situations, including reference jitter and wander).
Perfect phase alignment of the two Output 1 output clocks would require no delay on the cross-reference clock connection. To
accommodate path length delays, the SM3 provides a programmable phase skew feature. The slave’s Output 1 or M/S Output may be
phase shifted -32nS to +31.75nS relative to M/S Input according to the contents of the MS_Phase_Offset register to compensate for the
path length of the M/S Output or Output 1 to M/S Input connection. This offset may therefore be programmed to exactly compensate for
the actual path length delay associated with the particular application's cross-reference traces. The offset may further be adjusted to
accommodate any output clock distribution path delay differences. Thus, master/slave switches with the SM3 devices may be
accomplished with near-zero phase hits.
The first time a unit becomes a slave, such as immediately after power-up, its output clock phase starts out arbitrary, and will quickly
phase-align to the cross-reference from the master unit. The phase skew will be eliminated (or converged to the programmed phase
offset) step by step. The whole pull-in-and-lock process will complete in about 60 seconds. There is no frequency slew protection in slave
mode. In slave mode, the unit's mission is to lock to and follow the master.
Once a pair of units has been operating in aligned master/slave mode, and a master/slave switch occurs, the unit that becomes
master will maintain its output clock phase and frequency while a phase build-out (to the current output clock phase) is performed on its
selected reference input. Therefore, as master mode operation commences, there will be no phase or frequency hits on the clock output.
Likewise, the unit that becomes the slave will maintain its output clock frequency and phase for 1 msec before starting to follow the
cross-reference, protecting the downstream clock users during the switch. Assuming the phase offset is programmed for the actual
propagation delay of this cross-reference path, there will again be no phase hits on the output clock of the unit that has transitioned from
master to slave.
Master / Slave Configuration
Figure 3
SM3G
M/S OUTPUT / OUTPUT1 / BITS
M/S OUTPUT / OUTPUT1 / BITS
M/S REF
REFS1-4
REFS1-4
M/S REF
2
SM3G
1
Furthermore, under register access control, a backup holdover history register is provided. It may be loaded from the active holdover
history or restored to the active holdover history. The active holdover history may also be flushed.
Holdover mode may be entered at any time. If there is no holdover history available, the prior output frequency will be maintained.
When in holdover, the application may read (via register access) the time since holdover was enterred.
Master/Slave Operation
Pairs of SM3 devices may be operated in a master/slave configuration for redundant timing source applications. A typical
configuration is shown below.:


Numéro de pièce similaire - SM3-012.96M

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
   Cable Marker
logo
Connor-Winfield Corpora...
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Description similaire - SM3-012.96M

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com