Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV518 Fiches technique(PDF) 3 Page - Supertex, Inc

No de pièce HV518
Description  32-Channel Vacuum-Fluorescent Display Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV518 Fiches technique(HTML) 3 Page - Supertex, Inc

  HV518 Datasheet HTML 1Page - Supertex, Inc HV518 Datasheet HTML 2Page - Supertex, Inc HV518 Datasheet HTML 3Page - Supertex, Inc HV518 Datasheet HTML 4Page - Supertex, Inc HV518 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
HV518
t w(CKH)
t w(CKL)
t h
t su
50%
V IH
V IL
V IH
V IL
Clock
Data In
t w(CKH)
t d
50%
50%
Clock
Data
Output
V IH
V IL
V OH
V OL
50%
90%
t
or t
DLH
DHL
10%
V OH
V OL
Latch Enable
HV Output
V IH
V IL
t TLH
t THL
90%
10%
t DLH
t DHL
V OH
V OL
Strobe
HV Output
V IH
V IL
50%
VDD
Input
GND
VPP
GND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
Input and Output Equivalent Circuits
Parameter Measurement Information
Figure 3: Input Timing Voltage Waveforms
Figure 5
Figure 4
Figure 6: Switching-Time Voltage Waveforms
Note: For testing purposes, all input pulses have maximum rise and fall times of 30 nsec.


Numéro de pièce similaire - HV518

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
HV518 SUTEX-HV518 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
More results

Description similaire - HV518

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518 SUTEX-HV518_13 Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com