Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZV55B11 Fiches technique(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZV55B11
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZV55B11 Fiches technique(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZV55B11 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B11 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B11 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B11 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B11 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B11 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-058
June 2008 / F
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZV55C 15
13.8
15.6
5
30
1
110
0.1
11
TCBZV55C 16
15.3
17.1
5
40
1
170
0.1
12
TCBZV55C 18
16.8
19.1
5
50
1
170
0.1
13
TCBZV55C 20
18.8
21.1
5
55
1
220
0.1
15
TCBZV55C 22
20.8
23.3
5
55
1
220
0.1
16
TCBZV55C 24
22.8
25.6
5
80
1
220
0.1
18
TCBZV55C 27
25.1
28.9
5
80
1
220
0.1
20
TCBZV55C 30
28
32
5
80
1
220
0.1
22
TCBZV55C 33
31
35
5
80
1
220
0.1
24
TCBZV55C 36
34
38
5
80
1
220
0.1
27
TCBZV55C 39
37
41
2.5
90
0.5
500
0.1
28
TCBZV55C 43
40
46
2.5
90
0.5
600
0.1
32
TCBZV55C 47
44
50
2.5
110
0.5
700
0.1
35
TCBZV55C 51
48
54
2.5
125
0.5
700
0.1
38
TCBZV55C 56
52
60
2.5
135
0.5
1000
0.1
42
TCBZV55C 62
58
66
2.5
150
0.5
1000
0.1
47
TCBZV55C 68
64
72
2.5
160
0.5
1000
0.1
51
TCBZV55C 75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZV55B 2V4
2.35
2.45
5
85
1
600
50
1
TCBZV55B 2V7
2.65
2.75
5
85
1
600
10
1
TCBZV55B 3V0
2.94
3.06
5
85
1
600
4
1
TCBZV55B 3V3
3.23
3.37
5
85
1
600
2
1
TCBZV55B 3V6
3.53
3.67
5
85
1
600
2
1
TCBZV55B 3V9
3.82
3.98
5
85
1
600
2
1
TCBZV55B 4V3
4.21
4.39
5
75
1
600
1
1
TCBZV55B 4V7
4.61
4.79
5
60
1
600
0.5
1
TCBZV55B 5V1
5.00
5.20
5
35
1
550
0.1
1
TCBZV55B 5V6
5.49
5.71
5
25
1
450
0.1
1
TCBZV55B 6V2
6.08
6.32
5
10
1
200
0.1
2
TCBZV55B 6V8
6.66
6.94
5
8
1
150
0.1
3
TCBZV55B 7V5
7.33
7.63
5
7
1
50
0.1
5
TCBZV55B 8V2
8.04
8.36
5
7
1
50
0.1
6.2
TCBZV55B 9V1
8.92
9.28
5
10
1
50
0.1
6.8
TCBZV55B 10
9.80
10.20
5
15
1
70
0.1
7.5
TCBZV55B 11
10.78
11.22
5
20
1
70
0.1
8.2
TCBZV55B 12
11.76
12.24
5
20
1
90
0.1
9.1
TCBZV55B 13
12.74
13.26
5
26
1
110
0.1
10
TCBZV55B 15
14.70
15.30
5
30
1
110
0.1
11
TCBZV55B 16
15.68
16.32
5
40
1
170
0.1
12
TCBZV55B 18
17.64
18.36
5
50
1
170
0.1
13
TCBZV55B 20
19.60
20.40
5
55
1
220
0.1
15
TCBZV55B 22
21.56
22.44
5
55
1
220
0.1
16
TCBZV55B 24
23.52
24.48
5
80
1
220
0.1
18
TCBZV55B 27
26.46
27.54
5
80
1
220
0.1
20
TCBZV55B 30
29.40
30.60
5
80
1
220
0.1
22
TCBZV55B 33
32.34
33.66
5
80
1
220
0.1
24
TCBZV55B 36
35.28
36.72
5
80
1
220
0.1
27
TCBZV55B 39
38.22
39.78
2.5
90
0.5
500
0.1
28
TCBZV55B 43
42.14
43.86
2.5
90
0.5
600
0.1
32


Numéro de pièce similaire - TCBZV55B11

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZV55B11 TAK_CHEONG-TCBZV55B11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZV55B11

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com