Moteur de recherche de fiches techniques de composants électroniques |
|
TCBZT55B6V8 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TCBZT55B6V8 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 5 page Number: DB-066 June 2008 / D Page 1 SEMICONDUCTOR TAK CHEONG ® 500 mW QUADRO Mini-MELF Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +175 °C Operating Junction Temperature +175 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 2.0 to 75 Volts Quadro mini-MELF Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Termianls are readily solderable RoHS Compliant Matte Tin (Sn) Terminal Finish Color Band Indicates Negative Polarity Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Min Max IZT (mA) ZZT @ IZT ( Ω) Max IZK (mA) ZZK @ IZK ( Ω) Max IR @ VR ( μA) Max VR (Volts) TCBZT55C 2V0 1.88 2.11 5 100 1 600 100 1 TCBZT55C 2V2 2.08 2.33 5 100 1 600 100 1 TCBZT55C 2V4 2.28 2.56 5 85 1 600 50 1 TCBZT55C 2V7 2.51 2.89 5 85 1 600 10 1 TCBZT55C 3V0 2.8 3.2 5 85 1 600 4 1 TCBZT55C 3V3 3.1 3.5 5 85 1 600 2 1 TCBZT55C 3V6 3.4 3.8 5 85 1 600 2 1 TCBZT55C 3V9 3.7 4.1 5 85 1 600 2 1 TCBZT55C 4V3 4 4.6 5 75 1 600 1 1 TCBZT55C 4V7 4.4 5 5 60 1 600 0.5 1 TCBZT55C 5V1 4.8 5.4 5 35 1 550 0.1 1 TCBZT55C 5V6 5.2 6 5 25 1 450 0.1 1 TCBZT55C 6V2 5.8 6.6 5 10 1 200 0.1 2 TCBZT55C 6V8 6.4 7.2 5 8 1 150 0.1 3 TCBZT55C 7V5 7 7.9 5 7 1 50 0.1 5 TCBZT55C 8V2 7.7 8.7 5 7 1 50 0.1 6.2 TCBZT55C 9V1 8.5 9.6 5 10 1 50 0.1 6.8 TCBZT55C 10 9.4 10.6 5 15 1 70 0.1 7.5 TCBZT55C 11 10.4 11.6 5 20 1 70 0.1 8.2 TCBZT55C 12 11.4 12.7 5 20 1 90 0.1 9.1 TCBZT55C 13 12.4 14.1 5 26 1 110 0.1 10 Cathode Anode ELECTRICAL SYMBOL Cathode Band Color: Blue |
Numéro de pièce similaire - TCBZT55B6V8 |
|
Description similaire - TCBZT55B6V8 |