Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCLZ3V3 Fiches technique(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCLZ3V3
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCLZ3V3 Fiches technique(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCLZ3V3 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLZ3V3 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLZ3V3 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLZ3V3 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLZ3V3 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLZ3V3 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-065
July 2008 / C
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics (T
A = 25°C unless otherwise noted)
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms)
Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
5.29
4.41
5.52
B
5.46
5.58
5.70
TCLZ5V6
C
5.64
5.76
5.88
20
10.5
425
1
0.75
2.5
A
5.81
5.94
6.06
B
5.99
6.12
6.24
TCLZ6V2
C
6.16
6.28
6.40
20
8.5
255
1
3.30
3.0
A
6.31
6.45
6.59
B
6.52
6.66
6.79
TCLZ6V8
C
6.70
6.83
6.95
20
6.6
123
0.5
1.10
3.5
A
6.88
7.04
7.20
B
7.11
7.26
7.42
TCLZ7V5
C
7.32
7.49
7.65
20
6.6
95
0.5
0.30
4.0
A
7.55
7.73
7.91
B
7.81
7.99
8.16
TCLZ8V2
C
8.06
8.24
8.42
20
6.6
95
0.5
0.30
5.0
A
8.31
8.51
8.71
B
8.60
8.80
9.00
TCLZ9V1
C
8.88
9.09
9.30
20
6.6
95
0.5
0.30
6.0
A
9.18
9.39
9.60
B
9.47
9.69
9.91
TCLZ10V
C
9.81
10.06
10.32
20
6.6
95
0.5
0.11
7.0
A
10.16
10.41
10.65
B
10.49
10.73
10.96
TCLZ11V
C
10.81
11.04
11.27
10
8.5
95
0.5
0.133
8.0
A
11.12
11.38
11.64
B
11.49
11.71
11.93
TCLZ12V
C
11.79
12.05
12.31
10
9.5
95
0.5
0.133
9.0
A
12.17
12.45
12.72
B
12.58
12.87
13.17
TCLZ13V
C
13.02
13.33
13.63
10
11.4
95
0.5
0.133
10
A
13.47
13.79
14.10
B
13.94
14.26
14.57
TCLZ15V
C
14.40
14.72
15.04
10
13.3
95
0.5
0.133
11
A
14.85
15.19
15.52
B
15.30
15.65
15.99
TCLZ16V
C
15.77
16.14
16.51
10
15.2
132
0.5
0.133
12
A
16.32
16.70
17.08
B
16.90
17.29
17.67
TCLZ18V
C
17.50
17.90
18.30
10
19.4
123
0.5
0.133
13
A
18.11
18.52
18.93
B
18.71
19.13
19.55
C
19.35
19.80
20.25
TCLZ20V
D
19.86
20.30
20.74
10
23.5
170
0.5
0.133
15
A
20.21
20.66
21.10
B
20.75
21.21
21.67
C
21.22
21.66
22.10
TCLZ22V
D
21.67
22.15
22.62
5
25.6
170
0.5
0.133
17
A
22.24
22.69
23.14
B
22.73
23.24
23.75
C
23.27
23.78
24.29
TCLZ24V
D
23.79
24.31
24.84
5
29.0
170
0.5
0.133
19
A
24.24
24.89
25.54
B
24.95
25.62
26.28
C
25.60
26.29
26.97
TCLZ27V
D
26.28
26.97
27.67
5
38.0
210
0.5
0.133
21
A
26.98
27.69
28.41
B
27.67
28.41
29.15
C
28.34
29.09
29.84
TCLZ30V
D
29.00
29.77
30.54
5
46.0
210
0.5
0.133
23


Numéro de pièce similaire - TCLZ3V3

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZ3V3 TAK_CHEONG-TCLZ3V3 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCLZ3V3

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com