Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZX85C20 Fiches technique(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZX85C20
Description  1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX85C20 Fiches technique(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX85C20 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C20 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C20 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C20 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C20 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Number: DB-030
August 2008 / D
Page 3
SEMICONDUCTOR
TAK CHEONG
®
Typical Characteristics
Ta = 25
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [V]
PD=500mW
Ta = 25℃
0.1
1
10
100
1000
03
69
12
15
VZ - Reverse Voltage [V]
PD=500mW
Ta = 25℃
0.01
0.1
1
10
100
10
20
30
40
50
60
70
VZ - Reverse Voltage [V]
Ta = 25℃
0.1
1
10
100
1000
0
1020
3040
5060
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
f = 1MHz
Ta = 25℃
1
10
100
1000
0
5
10 15 20 25
30 35 40 45
50 55 60
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
140
160
180
200
Temperature [℃]
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage


Numéro de pièce similaire - TCBZX85C20

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZX85C20 TAK_CHEONG-TCBZX85C20 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZX85C20

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com