Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZX584C13V Fiches technique(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZX584C13V
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX584C13V Fiches technique(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX584C13V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C13V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C13V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C13V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C13V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oct 2008, Revision E
Page 4
TAK CHEONG
®
SEMICONDUCTOR
Fig.7 TYPICAL LEAKGE CURRENT


Numéro de pièce similaire - TCBZX584C13V

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZX55B10 TAK_CHEONG-TCBZX55B10 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B11 TAK_CHEONG-TCBZX55B11 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B12 TAK_CHEONG-TCBZX55B12 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B13 TAK_CHEONG-TCBZX55B13 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B15 TAK_CHEONG-TCBZX55B15 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZX584C13V

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MM5Z5V1 LEIDITECH-MM5Z5V1 Datasheet
527Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com