Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C200 Fiches technique(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce BZX79C200
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX79C200 Fiches technique(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX79C200 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C200 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C200 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C200 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
November 2006 / C
Page 4
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
Package Outline
Case Outline
DO-35
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.46
0.56
0.018
0.022
B
3.05
5.08
0.120
0.200
C
25.40
38.10
1.000
1.500
D
1.52
2.29
0.060
0.090
Note: all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong’s Zener Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®


Numéro de pièce similaire - BZX79C200

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C200 TAK_CHEONG-BZX79C200 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZX79C200 SEMTECH_ELEC-BZX79C200 Datasheet
244Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Motorola, Inc
BZX79C200RL MOTOROLA-BZX79C200RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Description similaire - BZX79C200

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com