Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7510 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7510
Description  Isolated Linear Sensing IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7510 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7510 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Electrical Specifications (DC)
Unless otherwise noted, all typicals and figures are at the nominal operation conditions of VIN+ = 0V, VIN- = 0V,
VREF = 4.0V, VDD1 = VDD2 = 5.0 V and TA = 25°C; all Minimum/Maximum specifications are within the Recommended
Operating Conditions.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions Fig. Note
Input Offset Voltage
VOS
–6
–0.6
6
mV
VIN+ = 0V
6
1
Magnitude of Input Offset
∆Vos/∆T
8
20
µV/°C
VIN+ = 0 V
7
Change vs. Temperature
Gain
G
VREF/0.512
VREF/
VREF/0.512 V/V
-0.2 V < VIN+ 8, 9
2
– 3%
0.512
+ 3%
< 0.2 V
TA = 25°C
Magnitude of Gain Change
∆G/∆T
60
300
ppm/°C -0.2 V < VIN+ 9
vs. Temperature
< 0.2 V
VOUT 200 mV Nonlinearity
NL200
0.06
0.55
%
-0.2 V < VIN+ 10,
3,4
< 0.2 V
11
Magnitude of VOUT 200 mV
|dNL200/dT|
0.0004
%/°C
-0.2 V < VIN+ 11
Nonlinearity Change
< 0.2 V
vs. Temperature
VOUT 100 mV Nonlinearity
NL100
0.04
0.4
%
-0.1 V < VIN+ 10,
3,5
< 0.1 V
11
Input Supply Current
IDD1
11.7
16
mA
1,2,3
Output Supply Current
IDD2
9.9
16
mA
1,2,3
Reference Voltage Input
IREF
0.26
1
mA
Current
Input Current
IIN+
–0.6
5
µA
VIN+ = 0 V
4
Magnitude of Input Bias
|dIIN/dT|
0.45
nA/°C
Current vs. Termperature
Coefficient
Maximum Input Voltage
|VIN+|MAX
256
mV
5
before VOUT Clipping
Equivalent Input Impedance RIN
700
kΩ
VOUT Output Impedance
ROUT
15
Input DC Common-Mode
CMRRIN
63
dB
7
Rejection Ratio


Numéro de pièce similaire - HCPL-7510

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-060 HP-HCPL-7510-060 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-060E HP-HCPL-7510-060E Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-300 HP-HCPL-7510-300 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-300E HP-HCPL-7510-300E Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
More results

Description similaire - HCPL-7510

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com