Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0300 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0300
Description  8 MBd Low Input Current Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0300 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Absolute Maximum Ratings
(No Derating Required up to 55°C)
Description
Min.
Typ.
Max.
Units
Storage Temperature
-55°C
+125°C
T
S
Operating Temperature
-40°C
+85°C
T
A
Lead Solder Temperature
(1.6 mm below seating plane)
260°C for 10 s
max
Average Forward Input Current
5 mA[2]
- I
F
Reverse Input Voltage
3.0 V
V
R
Supply Voltage
0 V
7.0 V
V
CC
Pull-Up Resistor Voltage
-0.5 V
VCC
V
RL
Output Collector Current
-25 mA
25 mA
I
O
Input Power Dissipation
10 mW
P
I
Output Collector Power Dissipation
40 mW
P
O
Output Collector Voltage
-0.5 V
18 V
V
O
Infrared and Vapor Phase Reflow Temperature (Option #300) see Fig. 1, Thermal Profile
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCPL-2300 Option 060 only)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤300 V rms
for rated mains voltage ≤450 V rms
I-IV
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
630
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
V
PR
1181t
V
peak
Input to Output Test Voltage, Method a*
V
IORM x 1.5 = VPR, Type and sample test, tm = 60 sec,
Partial Discharge < 5 pC
V
PR
945
V
peak
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 10 sec)
V
IOTM
6000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 11, Thermal Derating curve.)
Case Temperature
Input Current
Output Power
T
S
I
S,INPUT
P
S,OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note:
Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Numéro de pièce similaire - HCPL-0300

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300-060 HP-HCPL-0300-060 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
More results

Description similaire - HCPL-0300

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com