Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2300 Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2300
Description  8 MBd Low Input Current Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2300 Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2300 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Regulatory Information
The HCPL-2300 has been approved by the following or-
ganizations:
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5,
File CA 88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01
(Option 060 only)
Solder Reflow Temperature Profile
Recommended Pb-Free IR Profile
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
(External Clearance)
L(IO1)
7.1
mm
Measured from input terminals to output
terminals, shortest distance through air
Min. External Tracking Path
(External Creepage)
L(IO2)
7.4
mm
Measured from input terminals to output
terminals, shortest distance path along body
Min. Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance, conductor to
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity
Tracking Resistance
(Comparative Tracking Index)
CTI
200
Volts
DIN IEC 112/VDE 0303 PART 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.


Numéro de pièce similaire - HCPL-2300

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

Description similaire - HCPL-2300

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com