Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N25 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 4N25
Description  Phototransistor Optocoupler General Purpose Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N25 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  4N25 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Functional Diagram
Schematic
6
5
4
1
2
3
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. NC
4. EMITTER
5. COLLECTOR
6. BASE
1
2
ANODE
CATHODE
VF
+
IF
6
5
4
BASE
COLLECTOR
EMITTER
IC
4N25isULRecognizedwith2500Vrmsfor1minuteperUL1577andisapprovedunderCSAComponentAcceptance
Notice#5,FileCA88324.
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption
columntoformanorderentry.
Example1:
4N25-360Etoorderproductof300milDIP-6DCGullWingSurfaceMountpackageinTubepackagingwith
20%<CTR,IEC/EN/DINEN60767-5-2SafetyApprovalandRoHScompliant.
Example2:
4N25-W00Etoorderproductof400milDIP-6DCpackageinTubepackagingwith20%<CTRandRoHScompliant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.
RoHS
Compliant
Option
Part
Rank '0'
Surface
Gull
Tape &
IEC/EN/DIN EN
Number
20%<CTR
Package
Mount
Wing
Reel
60747-5-2
Quantity
-000E
300 mil DIP-6
65 pcs per tube
-300E
300 mil DIP-6
X
X
65 pcs per tube
-500E
300 mil CIP-6
X
X
X
1000 pcs per reel
4N25
-060E
300 mil DIP-6
X
65 pcs per tube
-360E
300 mil DIP-6
X
X
X
65 pcs per tube
-560E
300 mil DIP-6
X
X
X
X
1000 pcs per reel
-W00E
400 mil DIP-6
65 pcs per tube
-W60E
400 mil DIP-6
X
65 pcs per tube


Numéro de pièce similaire - 4N25

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Everlight Electronics C...
4N25 EVERLIGHT-4N25 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Description similaire - 4N25

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com