Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320F2802648A Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TMP320F2802648A
Description  TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2802648A Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP320F2802648A Datasheet HTML 2Page - Texas Instruments TMP320F2802648A Datasheet HTML 3Page - Texas Instruments TMP320F2802648A Datasheet HTML 4Page - Texas Instruments TMP320F2802648A Datasheet HTML 5Page - Texas Instruments TMP320F2802648A Datasheet HTML 6Page - Texas Instruments TMP320F2802648A Datasheet HTML 7Page - Texas Instruments TMP320F2802648A Datasheet HTML 8Page - Texas Instruments TMP320F2802648A Datasheet HTML 9Page - Texas Instruments TMP320F2802648A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3
Device Markings
PREFIX
TMS 320
F
28025
PT
TMX = experimentaldevice
TMP = prototypedevice
TMS = qualifieddevice
DEVICEFAMILY
320 = TMS320MCUFamily
TECHNOLOGY
PACKAGETYPE
F=Flash
DEVICE
28027
28026
28025
28024
28023
28022
TEMPERATURE RANGE
A = −40
°
−40°Cto125°C
°Cto85 C
S=
A
48-PinPT PlasticQuadFlatpack
38-PinDA PlasticSmall-outlinePackage
Device Markings
www.ti.com
Figure 1 provides an example of the 2802x device markings and defines each of the markings. The device
revision can be determined by the symbols marked on the top of the package as shown in Figure 1. Some
prototype devices may have markings different from those illustrated. Figure 2 shows an example of the
device nomenclature.
Figure 1. Example of Device Markings
Figure 2. Example of Device Nomenclature
Table 1. Determining Silicon Revision From Lot Trace Code 2802x
SECOND LETTER
REVISION ID
IN PREFIX OF
SILICON REVISION
COMMENTS
(0x0883)
LOT TRACE CODE
Blank (no second letter in
Indicates Revision 0
0x0000
This silicon revision is available as TMX.
prefix)
TMS320x2802x Piccolo MCU Silicon Errata
6
SPRZ292 – December 2008
Submit Documentation Feedback


Numéro de pièce similaire - TMP320F2802648A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Description similaire - TMP320F2802648A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com