Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL4503TVM Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HCPL4503TVM
Description  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503TVM Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HCPL4503TVM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL4503M Rev. 1.0.3
4
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Switching Characteristics (VCC = 5V)
*All Typicals at TA = 25°C
Isolation Characteristics
Notes:
2. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
3. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge
of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8V).
4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
TPHL
Propagation Delay
Time to Logic Low
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
TA = 25°C
0.45
0.8
µs
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
1.0
µs
TPLH
Propagation Delay
Time to Logic High
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
TA = 25°C
0.3
0.8
µs
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
1.0
µs
|CMH|
Common Mode
Transient Immunity at
Logic High
IF = 0 mA, VCM = 1,500VP-P,
TA = 25°C, RL = 1.9kΩ
(3)(Fig. 8)
15,000
50,000
V/µs
|CML|
Common Mode Transient
Immunity at Logic Low
IF = 16mA, VCM = 1,500VP-P,
RL = 1.9kΩ
(3) (Fig. 8)
15,000
30,000
V/µs
Symbol
Characteristics
Test Conditions
Min.
Typ.**
Max.
Unit
II-O
Input-Output
Insulation Leakage
Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000VDC
(4)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, T
A = 25°C,
II-O ≤ 2µA, t = 1 min.
(4)
5,000
VRMS
RI-O
Resistance
(input to output)
VI-O = 500VDC
1012
CI-O
Capacitance
(input to output)
f = 1MHz(4)
0.6
pF


Numéro de pièce similaire - HCPL4503TVM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL4503TVM FAIRCHILD-HCPL4503TVM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503TVM FAIRCHILD-HCPL4503TVM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL4503TVM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10