Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSN042C-6R8M Fiches technique(PDF) 2 Page - Frontier Electronics.

No de pièce CSN042C-6R8M
Description  SMD Power Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN042C-6R8M Fiches technique(HTML) 2 Page - Frontier Electronics.

  CSN042C-6R8M Datasheet HTML 1Page - Frontier Electronics. CSN042C-6R8M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Power Choke: P/N CSN042C-series
Rev. A
Jan. 01, 2006. Page: 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSN042C series
D. Characteristic curve:
1. L vs. Frequency:
2. Typical L vs. DC Current:
0.1
1
10
100
1000
10000
0.01
0.1
1
10
Current (A)
1R0M
6R8M
330M
221M
102M
0.1
1.0
10.0
100.0
1000.0
10000.0
1
10
100
1000
10000
Frequency(KH z)
1R0M
6R8M
330M
221M
102M


Numéro de pièce similaire - CSN042C-6R8M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSN042C FRONTIER-CSN042C Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Description similaire - CSN042C-6R8M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
   SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
   SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
   SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
   SMD Power Choke
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
   SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
   SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
   SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Frontier Electronics.
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
   SMD Power Choke (Shielded)
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com