Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX86MTC Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce 74LCX86MTC
Description  Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX86MTC Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX86MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 10Page - Fairchild Semiconductor 74LCX86MTC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX86 Rev. 1.5.0
10
Physical Dimensions (Continued)
Figure 5. 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
AND TIE BAR EXTRUSIONS
F. DRAWING FILE NAME: MTC14REV6
R0.09 min
12.00°
TOP & BOTTOM
0.43 TYP
1.00
D. DIMENSIONING AND TOLERANCES PER ANSI
Y14.5M, 1982
R0.09min
E. LANDPATTERN STANDARD: SOP65P640X110-14M
0.65
6.10
1.65
0.45
A. CONFORMS TO JEDEC REGISTRATION MO-153,
VARIATION AB, REF NOTE 6
B. DIMENSIONS ARE IN MILLIMETERS


Numéro de pièce similaire - 74LCX86MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX86MTC FAIRCHILD-74LCX86MTC Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX86MTC ONSEMI-74LCX86MTC Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LCX86MTCX_NL FAIRCHILD-74LCX86MTCX_NL Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
More results

Description similaire - 74LCX86MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX86 STMICROELECTRONICS-74LVX86 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
   Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com