Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAT2610 Fiches technique(PDF) 9 Page - Advanced Analogic Technologies

No de pièce AAT2610
Description  7-Channel PMU for Digital Still Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2610 Fiches technique(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2610 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AAT2610
7-Channel PMU for Digital Still Cameras
PRODUCT DATASHEET
2610.2008.11.1.1
9
www .analogictech.com
AAT2610
7-Channel PMU for Digital Still Cameras
PRODUCT DATASHEET
2610.2008.11.1.1
9
www .analogictech.com
Electrical Characteristics1
Unless otherwise noted VPVSU=VPVM= VPVSD1= VPVSD2 =3.6V, TA=-40°C to +85°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
AUX L1/L2 DC-DC Boost (Step-Up) Converters
VOUT(AUX_L1/L2)
AUX_L1/L2 Step-Up Output Voltage
Range2
5.0
20.0
V
ICSL1
CSL1 Current Sink Accuracy
TA = 25°C
18.0
20.0
22.0
mA
VFBL2
FBL2 Reference Voltage
TA = 25°C
0.59
0.60
0.61
V
VOVL1
OVL1 Reference Voltage
TA = 25°C
0.59
0.60
0.61
V
ILIMIT(AUX_L1)
N-Channel Current Limit
0.60
0.70
A
ILIMIT(AUX_L2)
N -Channel Current Limit
0.60
0.70
A
IMODE(AUX_L1/L2)
AUX_L1/L2 Light Load Mode Current
Threshold
100
mA
DMAX(L1/L2)
Maximum Duty Cycle
95
%
ILEAK(FBL2)
FBL2 Pin Leakage Current
-100
0.01
+100
nA
RDSON(AUX_L1)
N-Channel
1000
RDSON(AUX_L2)
N-Channel
1000
TSOFTSTART(AUX_L2)
AUX_L2 Soft-Start Interval
2,048
OSC Cyc
AUX L3 DC-DC Buck/Boost (Inverter) Converters
VREF3
REF3 Reference Voltage
TA = 25°C, IREF = 20μA
0.59
0.60
0.61
V
VFBL3
FBL3 Inverter Reference Voltage
TA = 25°C
-0.01
0.00
0.01
V
ILIMIT(AUX_L3)
P-Channel Current Limit
1.5
A
IMODE(AUX_L3)
SD1 Light Load Mode Current Threshold
100
mA
ILEAK(REF3,FBL3)
REF3, FBL3 Pin Leakage Current
-100
0.01
+100
nA
RDSON
P-Channel
1000
tSOFTSTART
Soft-Start Interval
2,048
OSC Cyc
Overload Protection
tDELAY(SCF)
Overload Fault Delay
100,000
OSC Cyc
ILEAK(SCF)
SCF Pin Leakage Current
EN_SU = VPVSU, FBSU = 1.5V
0.1
1
μA
VL(SCF)
SCF Low Output Voltage
0.1mA into SCF pin
0.01
0.1
V
Thermal Protection
TSD
Over-Temperature Shutdown
140
°C
THYS
Over-Temperature Shutdown Hysteresis
15
°C
1. The AAT2610 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. The Step-Up converter operates in startup mode until this voltage is reached. Do not apply full load current during startup.


Numéro de pièce similaire - AAT2610

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
AAT2610IIC-T1 SKYWORKS-AAT2610IIC-T1 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
More results

Description similaire - AAT2610

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Rohm
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com