Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM05 Datasheet(Fiches technique) 1 Page - Semtech Corporation

Numéro de pièce SM05
Description  TVS Diode Array
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM05 Datasheet(HTML) 1 Page - Semtech Corporation

  SM05_04 Datasheet HTML 1Page - Semtech Corporation SM05_04 Datenblatt HTML 2Page - Semtech Corporation SM05_04 Datenblatt HTML 3Page - Semtech Corporation SM05_04 Datenblatt HTML 4Page - Semtech Corporation SM05_04 Datenblatt HTML 5Page - Semtech Corporation SM05_04 Datenblatt HTML 6Page - Semtech Corporation SM05_04 Datenblatt HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SM05 through SM36
TVS Diode Array
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 07/12/04
The SM series of transient voltage suppressors (TVS)
are designed to protect components which are
connected to data and transmission lines from voltage
surges caused by electrostatic discharge (ESD),
electrical fast transients (EFT), and lightning.
TVS diodes are characterized by their high surge
capability, low operating and clamping voltages, and
fast response time. This makes them ideal for use as
board level protection of sensitive semiconductor
components. The dual-junction common-anode design
allows the user to protect one bidirectional data line or
two unidirectional lines. The low profile SOT23
package allows flexibility in the design of “crowded”
circuit boards.
The SM series will meet the surge requirements of IEC
61000-4-2 (Formerly IEC 801-2), Level 4, “Human
Body Model” for air and contact discharge.
Applications
Mechanical Characteristics
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Servers, Notebook, and Desktop PC
300 watts peak pulse power (t
p = 8/20µs)
Transient protection for data & power lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Protects one bidirectional line or two unidirectional
lines
Working Voltages: 5V, 12V, 15V, 24 and 36V
Low clamping voltage
Solid-state silicon avalanche technology
JEDEC SOT23 package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
SOT23 (Top View)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn