Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE215.211AX05 Fiches technique(PDF) 3 Page - Baumer IVO GmbH & Co. KG

No de pièce NE215.211AX05
Description  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE215.211AX05 Fiches technique(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  NE215.211AX05 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE215.211AX05 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE215.211AX05 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE215.211AX05 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electronic
3
www.baumerivo.com
www.baumerivo.com
NE215
2 presets, meter counters PTB approved
Display LED, 8-digits, programmable
Part number
NE215.
1
AX0
Display
5 In cm, 9999.99
50 pulses/rev.
w/o interface/RS232
6 In mm, 999.999
500 pulses/rev.
w/o interface/RS232
7 In cm, 9999.99
50 pulses/rev.
at RS232/RS485
8 In cm, 999.999
500 pulses/rev.
at RS232/RS485
Voltage supply
1 24 / 48 VAC
2 85...265 VAC
3 24 VDC
Outputs
1 Relay outputs, B1 normally closed
Interface
0 Without interface
1 RS232
2 RS232/RS485
Dimensions
72
108
105
1-6
7
18.5


Numéro de pièce similaire - NE215.211AX05

FabricantNo de pièceFiches techniqueDescription
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

Description similaire - NE215.211AX05

FabricantNo de pièceFiches techniqueDescription
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com