Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC03-6.TB Datasheet(Fiches technique) 1 Page - Semtech Corporation

Numéro de pièce LC03-6.TB
Description  Low Capacitance TVS for High-Speed Data Interfaces
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-6.TB Datasheet(HTML) 1 Page - Semtech Corporation

  LC03-6.TB Datasheet HTML 1Page - Semtech Corporation LC03-6.TB Datenblatt HTML 2Page - Semtech Corporation LC03-6.TB Datenblatt HTML 3Page - Semtech Corporation LC03-6.TB Datenblatt HTML 4Page - Semtech Corporation LC03-6.TB Datenblatt HTML 5Page - Semtech Corporation LC03-6.TB Datenblatt HTML 6Page - Semtech Corporation LC03-6.TB Datenblatt HTML 7Page - Semtech Corporation LC03-6.TB Datenblatt HTML 8Page - Semtech Corporation LC03-6.TB Datenblatt HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LC03-6
Low Capacitance TVS for High-Speed
Data Interfaces
2000 watts peak pulse power (t
p = 8/20µs)
Transient protection for high-speed data lines to
Bellcore 1089 (Intra-Building) 100A (2/10µs)
ITU K.20 I
PP=40A (5/310µs)
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 100A (8/20µs)
Protects two lines in common and differential mode
Low capacitance for high-speed interfaces
Low clamping and operating voltage
Integrated structure saves board space and
increases reliability
Solid-state silicon avalanche technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 01/18/2008
Applications
Mechanical Characteristics
The LC03-6 transient voltage suppressor is designed to
protect components which are connected to high
speed telecommunication lines from voltage surges
caused by lightning, electrostatic discharge (ESD),
cable discharge events (CDE), and electrical fast
transients (EFT).
TVS diodes are ideal for use as board level protection
of sensitive semiconductor components. The LC03-6
combines a TVS diode with a rectifier bridge to provide
transient protection in both common and differential
mode with a single device. The capacitance of the
device is minimized (< 25pF) to ensure correct signal
transmission on high speed lines . The LC03-6 meets
the short-haul (intra-building) transient immunity
requirements of Bellcore 1089 for telecommunications
applications.
The SO-8 surface mount package allows flexibility in
the design of crowded PC boards.
SO-8 (Top View)
JEDEC SO-8 package
RoHS/WEEE Compliant
UL 497B listed
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code
Packaging : Tube or Tape and Reel per EIA 481
T1/E1 Line Cards
T3/E3 and DS3 Interfaces
STS-1 Interfaces
ISDN S/T-Interfaces
ISDN U-Interfaces
10/100 Ethernet
1
2
3
45
6
7
8
Pin 1 and 8
Pin 4 and 5
Ground
Pin 2, 3, 6,
and 7


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn