Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC6T622PWR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC6T622PWR
Description  AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC6T622PWR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AVC6T622PWR Datasheet HTML 6Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 7Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 8Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 9Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 10Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 11Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 12Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 13Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC6T622
SCES706 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT) (OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
3.2
1
5.2
0.8
4.4
0.7
3.5
0.6
3.4
0.7
3.1
B
A
3.4
1.1
5.2
1
4.8
0.9
4.3
0.3
4.3
0.2
4.3
tpd
A6
B6
3.2
1
5.2
0.8
4.4
0.7
3.5
0.6
3.4
0.7
3.1
ns
A2
B2
3.2
1
5.2
0.8
4.4
0.7
3.5
0.6
3.4
0.7
3.1
B2
A2
3.4
1.1
5.2
1
4.8
0.9
4.3
0.3
4.3
0.2
4.3
B
3.5
1.2
6.8
0.9
6
0.7
5.1
0.7
5
0.7
4.8
ten
(1)
DIR
ns
A
2.9
1.1
4.7
1.1
5.2
1.4
5.1
1.4
5.1
1.4
5.3
B
5.3
1.6
8.4
2
9.5
1.6
8.2
1.4
8.1
2.2
8.2
tdis
(1)
DIR
ns
A
3.6
1.3
7.7
1.2
7.9
1.3
7.5
1.3
7.5
1.3
7.6
(1)
DIR refers to DIR2, DIR1, and DIR(345).
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
A
B
3
0.8
4.7
0.7
3.8
0.6
2.9
0.4
2.7
0.5
2.5
B
A
3
0.9
4.4
0.7
3.9
0.6
3.3
0.3
3.2
0.3
3.2
tpd
A6
B6
3
0.8
4.7
0.7
3.8
0.6
2.9
0.4
2.7
0.5
2.5
ns
A2
B2
3
0.8
4.7
0.7
3.8
0.6
2.9
0.4
2.7
0.5
2.5
B2
A2
3
0.9
4.4
0.7
3.9
0.6
3.3
0.3
3.2
0.3
3.2
B
3.1
1
5.7
0.8
4.8
0.5
3.9
0.5
3.7
0.5
3.6
ten
(1)
DIR
ns
A
2.2
0.7
3.5
0.6
4.3
1.2
4.4
0.7
4.6
0.4
4.7
B
4.6
1.4
7.6
1.8
8.4
1.3
7.2
1.3
7.1
2
7.5
tdis
DIR
ns
A
2.6
0.9
5.6
0.9
5.4
1
5.5
0.9
5.5
0.9
5.8
(1)
DIR refers to DIR2, DIR1, and DIR(345).
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC6T622


Numéro de pièce similaire - SN74AVC6T622PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC TI-SN74AVC Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC TI-SN74AVC Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AVC6T622PWR

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Analog Devices
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com