Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32172EIBZ Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL32172EIBZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32172EIBZ Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL32172EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 11Page - Intersil Corporation ISL32172EIBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN6824.0
December 16, 2008
Driver Disable from Output High
tHZ
SW = GND (see Figure 3)
Full
-
-
20
ns
Driver Disable from Output Low
tLZ
SW = VCC (see Figure 3)
Full
-
-
20
ns
Driver Enable from SHDN to High
tSDH
ISL32179E Only, SW = GND (see Figure 3,
Note 13)
Full
-
-
750
ns
Driver Enable from SHDN to Low
tSDL
ISL32179E Only, SW = VCC (see Figure 3,
Note 13)
Full
-
-
750
ns
DRIVER SWITCHING CHARACTERISTICS (ISL32172E, ISL32174E, ISL32179E, 32Mbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 100pF (see Figure 4)
Full
32
50
-
Mbps
Driver Single-Ended Output Delay
tPLH, tPHL RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
3
8
15
ns
Driver Single-Ended Output Skew
tSSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
1
3.5
ns
Ch-to-Ch Output Delay Skew
tSKCC
(Figure 2, Note 11)
Full
-
3
5.5
ns
Part-to-Part Output Delay Skew
tSKPP
(Figure 2, Note 8)
Full
-
-
8
ns
Driver Differential Output Skew
tDSK
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
0.5
2
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 100Ω, CD = 50pF (see Figure 2)
Full
-
7
12
ns
Driver Enable to Output High
tZH
SW = GND (see Figure 3, Note 12)
Full
-
-
20
ns
Driver Enable to Output Low
tZL
SW = VCC (see Figure 3, Note 12)
Full
-
-
20
ns
Driver Disable from Output High
tHZ
SW = GND (see Figure 3)
Full
-
-
20
ns
Driver Disable from Output Low
tLZ
SW = VCC (see Figure 3)
Full
-
-
20
ns
Driver Enable from SHDN to High
tSDH
ISL32179E Only, SW = GND (see Figure 3,
Note 13)
Full
-
-
750
ns
Driver Enable from SHDN to Low
tSDL
ISL32179E Only, SW = VCC (see Figure 3,
Note 13)
Full
-
-
750
ns
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
7. Applies to peak current. See “Typical Performance Curves” beginning on page 12 for more information.
8. tSKPP is the magnitude of the difference in propagation delays of the specified terminals of two units tested with identical test conditions (VCC,
temperature, etc.).
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. EN = 0 indicates that the output(s) under test are disabled via the appropriate logic pin settings. EN = 1 indicates that the logic pins are set to
enable the output(s) under test.
11. Channel-to-channel skew is the magnitude of the worst case delta between any two propagation delays of any two outputs on the same IC, at
the same test conditions.
12. For ISL32179E, keep SHDNEN low to avoid entering SHDN.
13. Keep SHDNEN high to enter SHDN when all transmitters are disabled (ISL32179E only).
14. Logic Pins are the DIs, the enable variants, and SHDNEN.
15. Only one of the SPX pins low, plus EN1-EN4 low with EN and EN high, or EN low and EN high with EN1-EN4 high.
16. Temperature range is -20°C to +40°C.
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V and 4.5V to 5.5V; VL = VCC (ISL32179E only); Typicals are at VCC = 3.3V
or VCC = 5V, TA = +25°C; Unless Otherwise Specified.(Notes 6, 10) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 9)
TYP
MAX
(Note 9) UNITS
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Numéro de pièce similaire - ISL32172EIBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32172EIBZ RENESAS-ISL32172EIBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32172EIBZ-T RENESAS-ISL32172EIBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Description similaire - ISL32172EIBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com