Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21060CFH641Z-TK Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL21060CFH641Z-TK
Description  Precision Reference with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH641Z-TK Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL21060CFH641Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN6706.3
December 16, 2008
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
NC
No Connect; Do Not Connect
2
GND
Ground Connection
3
EN
Enable Input. Active High. Do not Float.
4
VIN
Input Voltage Connection
5
VOUTS
Voltage Reference Output Connection (Sense)
6
VOUTF
Voltage Reference Output Connection (Force)
Ordering Information
PART NUMBER
(Note)
PART
MARKING
VOUT OPTION
(V)
GRADE
(mV)
TEMP. RANGE
(ppm/°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL21060BFH620Z-TK*
GACB
2.048
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH620Z-TK*
GACD
2.048
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH625Z-TK*
GAEA
2.500
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH625Z-TK*
GAGA
2.500
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH630Z-TK*
GAHA
3.000
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH630Z-TK*
GAJA
3.000
2.5
25
6 Ld SOT-23
MDP0038
ISL21060CFH633Z-TK*
GAPA
3.300
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH641Z-TK*
GACC
4.096
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH641Z-TK*
GACE
4.096
2.5
25
6 Ld SOT-23
MDP0038
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
ISL21060


Numéro de pièce similaire - ISL21060CFH641Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21060CFH641Z-TK INTERSIL-ISL21060CFH641Z-TK Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060CFH641Z-TK RENESAS-ISL21060CFH641Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Description similaire - ISL21060CFH641Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com