Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54061IRUZ-T Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL54061IRUZ-T
Description  1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54061IRUZ-T Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL54061IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54061IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6580.0
December 19, 2008
Pinouts (Note 1)
ISL54060
(10 LD TDFN)
TOP VIEW
ISL54061
(10 LD TDFN)
TOP VIEW
ISL54060
(10 LD µTQFN)
TOP VIEW
ISL54061
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
NC
GND
IN2
NO2
COM2
NC
V+
1
2
3
4
5
10
9
8
7
6
IN1
NC
COM1
NC1
GND
IN2
NC
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
GND
V+
NC
COM2
NO2
NC
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
GND
V+
NC2
COM2
NC
NC1
COM1
N.C.
IN1
IN2
1
2
3
4
5
10
9
8
7
6
Truth Table
INx
ISL54060
NOx to COMx
ISL54061
NCx to COMx
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
NC
No Connect
ISL54060, ISL54061


Numéro de pièce similaire - ISL54061IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54061IRUZ-T INTERSIL-ISL54061IRUZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061IRUZ-T INTERSIL-ISL54061IRUZ-T Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54061IRUZ-T INTERSIL-ISL54061IRUZ-T Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54061IRUZ-T RENESAS-ISL54061IRUZ-T Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results

Description similaire - ISL54061IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com