Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54065 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL54065
Description  1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54065 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL54065 Datasheet HTML 7Page - Intersil Corporation ISL54065 Datasheet HTML 8Page - Intersil Corporation ISL54065 Datasheet HTML 9Page - Intersil Corporation ISL54065 Datasheet HTML 10Page - Intersil Corporation ISL54065 Datasheet HTML 11Page - Intersil Corporation ISL54065 Datasheet HTML 12Page - Intersil Corporation ISL54065 Datasheet HTML 13Page - Intersil Corporation ISL54065 Datasheet HTML 14Page - Intersil Corporation ISL54065 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6583.0
December 19, 2008
increases. At 1MHz, Crosstalk is about -75dB in 50
Ω
systems, decreasing approximately 20dB per decade as
frequency increases.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin, V+ and GND. One of these
diodes conducts if any analog signal exceeds the
recommended analog signal range.
Virtually all the analog switch leakage current comes from
the ESD diodes and reversed biased junctions in the switch
cell. Although the ESD diodes on a given signal pin are
identical and therefore fairly well balanced, they are reverse
biased differently. Each is biased to either the +Ring or -Ring
and the analog input signal. This means their leakages will
vary as the signal varies. The difference in the two diode
leakages to the +Ring or -Ring and the reverse biased
junctions at the internal switch cell constitutes the
analog-signal-path leakage current.
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 11. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
0
0.30
VCOM (V)
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
1.00
0.55
-3
-2
-1
12
345
ICOM = 100mA
V+ = 4.5V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
0.30
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
0.55
-3
-2
-1
12345
1.00
ICOM = 100mA
V+ = 4.3V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
1.05
0.35
0.45
0.65
0.75
0.85
0.95
0.55
-3
-2
-1
1
2
3
4
-5
-4
1.15
1.25
ICOM = 100mA
V+ = 2.7V
T = +85°C
T = +25°C
T = -40°C
ISL54065


Numéro de pièce similaire - ISL54065

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54065 INTERSIL-ISL54065 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
More results

Description similaire - ISL54065

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com